Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCM400PS48 Datasheet(PDF) 3 Page - XP Power Limited

Part # FCM400PS48
Description  Integral Low Noise Fan
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCM400PS48 Datasheet(HTML) 3 Page - XP Power Limited

  FCM400PS48 Datasheet HTML 1Page - XP Power Limited FCM400PS48 Datasheet HTML 2Page - XP Power Limited FCM400PS48 Datasheet HTML 3Page - XP Power Limited FCM400PS48 Datasheet HTML 4Page - XP Power Limited FCM400PS48 Datasheet HTML 5Page - XP Power Limited FCM400PS48 Datasheet HTML 6Page - XP Power Limited FCM400PS48 Datasheet HTML 7Page - XP Power Limited FCM400PS48 Datasheet HTML 8Page - XP Power Limited FCM400PS48 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
xppower.com
3
Start Up Delay From AC Turn On
Figure. 2
V1 & V2 start up example
from AC turn on (1.5 s)
Hold Up Time From Loss of AC
Figure 3
V1 hold up example at 400 W
load with 90 VAC input (42 ms)
AC
V2
AC
V1
Figure. 1
400
360
300
320
540
80
85
275
Input Voltage (VAC)
Peak Power Availability
600
90
264
Input Voltage Derating
V1


Similar Part No. - FCM400PS48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
   400 W Continuous, 600 W Peak
logo
Advanced Thermal Soluti...
FCM-100 ATS-FCM-100 Datasheet
542Kb / 1P
   FAN CHARACTERIZATION MODULE
R3_0215
logo
List of Unclassifed Man...
FCM-1F108S-FLX01-01 ETC1-FCM-1F108S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
FCM-2F100S-FLX01-01 ETC1-FCM-2F100S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
FCM-3F109S-FLX01-01 ETC1-FCM-3F109S-FLX01-01 Datasheet
37Kb / 1P
   Flextronics Imaging Solutions
More results

Similar Description - FCM400PS48

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Melexis Microelectronic...
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com