Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC560D40L1B3E0X Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC560D40L1B3E0X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1B3E0X Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC560D40L1B3E0X Datasheet HTML 5Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 6Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 7Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 8Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 9Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 10Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 11Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 12Page - STMicroelectronics SPC560D40L1B3E0X Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
SPC560D30x, SPC56040Dx
Block diagram
Doc ID 16315 Rev 7
9/90
2
Block diagram
Figure 1 shows a top-level block diagram of the Pictus 512K device series.
Figure 1.
Pictus 512K series block diagram
2 x
DSPI
FMPLL
Nexus 1
SRAM
SIUL
Reset Control
16 KB
External
IMUX
GPIO &
JTAG
Pad Control
JTAG Port
e200z0h
Interrupt requests
1 x
FlexCAN
Peripheral Bridge
Interrupt
Request
Interrupt
Request
I/O
Clocks
Instructions
Data
Voltage
Regulator
NMI
SWT
PIT
STM
NMI
SIUL
. . .
. . .
. . .
. . .
INTC
3 x
LINFlex
1 x
eMIOS
33 ch.
ADC
CMU
SRAM
Flash
Code Flash
256 KB
Data Flash
64 KB
MC_PCU
MC_ME
MC_CGM
MC_RGM
BAM
CTU
RTC
SSCM
(Master)
(Master)
(Slave)
(Slave)
(Slave)
Controller
Controller
Legend:
ADC
Analog-to-Digital Converter
BAM
Boot Assist Module
CMU
Clock Monitor Unit
CTU
Cross Triggering Unit
DSPI
Deserial Serial Peripheral Interface
ECSM
Error Correction Status Module
eDMA
Enhanced Direct Memory Access
eMIOS
Enhanced Modular Input Output System
Flash
Flash memory
FlexCAN
Controller Area Network (FlexCAN)
FMPLL
Frequency-Modulated Phase-Locked Loop
IMUX
Internal Multiplexer
INTC
Interrupt Controller
JTAG
JTAG controller
LINFlex
Serial Communication Interface (LIN support)
MC_CGM Clock Generation Module
MC_ME
Mode Entry Module
MC_PCU
Power Control Unit
MC_RGM Reset Generation Module
NMI
Non-Maskable Interrupt
PIT
Periodic Interrupt Timer
RTC
Real-Time Clock
SIUL
System Integration Unit Lite
SRAM
Static Random-Access Memory
SSCM
System Status Configuration Module
STM
System Timer Module
SWT
Software Watchdog Timer
WKPU
Wakeup Unit
XBAR
Crossbar switch
eDMA
ECSM
from peripheral
blocks
WKPU
Request
Interrupt
Request
(Master)


Similar Part No. - SPC560D40L1B3E0X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
More results

Similar Description - SPC560D40L1B3E0X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com