Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC560D40L3C4E0Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC560D40L3C4E0Y
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L3C4E0Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC560D40L3C4E0Y Datasheet HTML 7Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 8Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 9Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 10Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 11Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 12Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 13Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 14Page - STMicroelectronics SPC560D40L3C4E0Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
SPC560D30x, SPC56040Dx
Block diagram
Doc ID 16315 Rev 7
11/90
Periodic interrupt timer (PIT)
Produces periodic interrupts and triggers
Power control unit (MC_PCU)
Reduces the overall power consumption by disconnecting parts of the device
from the power supply via a power switching device; device components are
grouped into sections called “power domains” which are controlled by the PCU
Real-time counter (RTC)
Provides a free-running counter and interrupt generation capability that can be
used for timekeeping applications
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the
device
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit lite (SIUL)
Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status and configuration
module (SSCM)
Provides system configuration and status data (such as memory size and
status, device mode and security status), device identification data, debug
status port enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR (Automotive
Open System Architecture) and operating system tasks
Software watchdog timer (SWT)
Provides protection from runaway code
Wakeup unit (WKPU)
Supports up to 18 external sources that can generate interrupts or wakeup
events, of which 1 can cause non-maskable interrupt requests or wakeup
events.
Table 3.
Pictus 512K series block summary (continued)
Block
Function


Similar Part No. - SPC560D40L3C4E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
More results

Similar Description - SPC560D40L3C4E0Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
December 2011 Rev 4
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
   32-bit MCU family built on the Power Architecture짰 for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com