Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M35B32-WMC6TG Datasheet(PDF) 10 Page - STMicroelectronics

Part # M35B32-WMC6TG
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WMC6TG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M35B32-WMC6TG Datasheet HTML 6Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 7Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 8Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 9Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 10Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 11Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 12Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 13Page - STMicroelectronics M35B32-WMC6TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
SPI modes
M35B32
10/44
DocID18391 Rev 4
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
CPOL=0, CPHA=0
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 3, is the clock polarity when the
bus master is in Standby mode and not transferring data:
C remains at 0 for (CPOL=0, CPHA=0)
C remains at 1 for (CPOL=1, CPHA=1)
Figure 3. SPI modes supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB


Similar Part No. - M35B32-WMC6TG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M35 VISHAY-M35 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 09-Sep-09
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
   100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
   200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
   300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M35B32-WMC6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
   256-Kbit serial SPI bus EEPROM - 105 C Operation
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024A ATMEL-AT25F1024A_14 Datasheet
623Kb / 20P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
   256 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com