Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M35B32-WDW6TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M35B32-WDW6TG
Description  32 Kbit, 256-byte page, fast program EEPROM memory accessed by SPI bus interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35B32-WDW6TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M35B32-WDW6TG Datasheet HTML 2Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 3Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 4Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 5Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 6Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 7Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 8Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 9Page - STMicroelectronics M35B32-WDW6TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Description
M35B32
6/44
DocID18391 Rev 4
1
Description
The M35B32 is a 32-Kbit electrically erasable programmable memory (EEPROM) accessed
through the SPI bus.
The M35B32 is able to save and store up to 256 bytes within a very short time with the help
of the Event sector, this feature being convenient in cases of an unexpected power loss or if
an urgent data storage is required. The fast storage is performed with a very low energy
budget as the Program time lasts less than 1 ms and as the supply voltage can be as low as
2.5 V associated with a low Programming current (the M35B32 is based on EEPROM cells,
energy-saving technology when compared to the Flash technology).
Memory organization
The M35B32 is split into two sectors:
the Data sector: standard EEPROM which can be written(a) by page (1 to 256 bytes at
a time) with a standard write time and a standard retention time,
the Event sector: data bytes which can be programmed(b) by page (1 to 256 bytes at a
time) with a fast programming time and a limited retention time.
The time required to update data is significantly reduced by the Page size (256 bytes) as a
page is updated in a single shot.
Both Data sector and Event sector can be erased either a page at a time (using the Page
Erase instruction) or a sector at a time (using the Sector Erase instruction).
The size of each sector is defined by the user.
Figure 1. Logic diagram
a. Write cycle = 2 cycles = Erase + Program
b. Program cycle = single cycle (a Write cycle includes two cycles: Erase cycle + Program cycle)
RESET
AI15472
S
VCC
M35B32
VSS
W
Q
C
D


Similar Part No. - M35B32-WDW6TG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M35 VISHAY-M35 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 09-Sep-09
logo
PETERMANN-TECHNIK
M3500 PETERMANN-M3500 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
logo
Micronetics, Inc.
M3500-0102 MICRONETICS-M3500-0102 Datasheet
44Kb / 1P
   100-200 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0204 MICRONETICS-M3500-0204 Datasheet
45Kb / 1P
   200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
M3500-0305 MICRONETICS-M3500-0305 Datasheet
44Kb / 1P
   300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
More results

Similar Description - M35B32-WDW6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
   256-Kbit serial SPI bus EEPROM - 105 C Operation
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024 ATMEL-AT25F1024_14 Datasheet
268Kb / 18P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F4096 ATMEL-AT25F4096_14 Datasheet
358Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F1024A ATMEL-AT25F1024A_14 Datasheet
623Kb / 20P
   Byte Mode and 256-byte Page Mode for Program Operations
AT25F2048 ATMEL-AT25F2048_14 Datasheet
495Kb / 19P
   Byte Mode and 256-byte Page Mode for Program Operations
logo
STMicroelectronics
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
   256 Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com