Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S56-W Datasheet(PDF) 10 Page - STMicroelectronics

Part # M93S56-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S56-W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M93S56-W Datasheet HTML 6Page - STMicroelectronics M93S56-W Datasheet HTML 7Page - STMicroelectronics M93S56-W Datasheet HTML 8Page - STMicroelectronics M93S56-W Datasheet HTML 9Page - STMicroelectronics M93S56-W Datasheet HTML 10Page - STMicroelectronics M93S56-W Datasheet HTML 11Page - STMicroelectronics M93S56-W Datasheet HTML 12Page - STMicroelectronics M93S56-W Datasheet HTML 13Page - STMicroelectronics M93S56-W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Instructions
M93S46-W M93S56-W M93S66-W
10/32
DocID5124 Rev 7
5
Instructions
The instruction set of the M93Sx6 devices contains seven instructions, as summarized in
Table 2: "Instruction set for the M93S46" and Table 3: "Instruction set for the M93S66,
M93S56". Each instruction consists of the following parts, as shown in Figure 4: "READ
sequence", Figure 5: "WRITE sequence" and Figure 6: "WEN and WDS sequences":
Each instruction is preceded by a rising edge on Chip Select Input (S) with Serial
Clock (C) being held Low.
A start bit, which is the first '1' read on Serial Data Input (D) during the rising edge of
Serial Clock (C).
Two op-code bits, read on Serial Data Input (D) during the rising edge of Serial Clock
(C). (Some instructions also use the first two bits of the address to define the
op-code).
The address bits of the byte or word that is to be accessed. For the M93S46, the
address is made up of 6 bits (see Table 2: "Instruction set for the M93S46"). For the
M93S56 and M93S66, the address is made up of 8 bits (see Table 3: "Instruction set
for the M93S66, M93S56").
The M93Sx6 devices are fabricated in CMOS technology and are therefore able to run as
slow as 0 Hz (static input signals) or as fast as the maximum ratings specified in Table 11:
"AC Characteristics (M93Sx6-W, device grade 6)".
Table 2: Instruction set for the M93S46
Instruction
Description
W
PRE
Start
bit
Op-
code
Address
(1)
Data
Required
clock
cycles
Additional
comments
READ
Read Data
from Memory
X
0
1
10
A5-A0
Q15-Q0
-
-
WRITE
Write Data to
Memory
1
0
1
01
A5-A0
D15-D0
25
Write is executed
if the address is
not inside the
Protected area
PAWRITE
Page Write to
Memory
1
0
1
11
A5-A0
N x
D15-D0
9 + N x 16
Write is executed
if all the N
addresses are not
inside the
Protected area
WRAL
Write All
Memory with
same Data
1
0
1
00
01 XXXX
D15-D0
25
Write all data if
the Protection
Register is
cleared
WEN
Write Enable
1
0
1
00
11 XXXX
-
9
-
WDS
Write Disable
X
0
1
00
00 XXXX
-
9
-
PRREAD
Protection
Register Read
X
1
1
10
XXXXXX
Q5-Q0
+ Flag
-
Data Output =
Protection
Register content +
Protection Flag bit
PRWRITE
Protection
Register Write
1
1
1
01
A5-A0
-
9
Data above
specified address
A5-A0 are
protected


Similar Part No. - M93S56-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S56-WBN3 STMICROELECTRONICS-M93S56-WBN3 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S56-WBN3G STMICROELECTRONICS-M93S56-WBN3G Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S56-WBN3P STMICROELECTRONICS-M93S56-WBN3P Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S56-WBN3T STMICROELECTRONICS-M93S56-WBN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S56-WBN3TG STMICROELECTRONICS-M93S56-WBN3TG Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

Similar Description - M93S56-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com