Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S46-W Datasheet(PDF) 1 Page - STMicroelectronics

Part # M93S46-W
Description  4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S46-W Datasheet(HTML) 1 Page - STMicroelectronics

  M93S46-W Datasheet HTML 1Page - STMicroelectronics M93S46-W Datasheet HTML 2Page - STMicroelectronics M93S46-W Datasheet HTML 3Page - STMicroelectronics M93S46-W Datasheet HTML 4Page - STMicroelectronics M93S46-W Datasheet HTML 5Page - STMicroelectronics M93S46-W Datasheet HTML 6Page - STMicroelectronics M93S46-W Datasheet HTML 7Page - STMicroelectronics M93S46-W Datasheet HTML 8Page - STMicroelectronics M93S46-W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
January 2015
DocID5124 Rev 7
1/32
This is information on a product in full production
www.st.com
M93S46-W M93S56-W
M93S66-W
4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with
write protection
Datasheet - production data
Features
Compatible with MICROWIRE bus serial
interface
Memory array
1 Kbit, 2 Kbit or 4 Kbit of EEPROM
Organized by word (16b)
Page = 4 words
Write
Byte write within 5 ms
Page write within 5 ms
Ready/busy signal during programming
User defined write protected area
High-speed clock: 2 MHz
Single supply voltage:
2.5 V to 5.5 V
Operating temperature range:
-40 °C up to +85 °C.
Enhanced ESD protection
More than 4 million write cycles
More than 200-year data retention
Packages
PDIP8 ECOPACK
®1
TSSOP8 ECOPACK
®2
SO8 ECOPACK
®2
MSv35377V1
PDIP8 (BN)
TSSOP8 (DW)
169 mil width
SO8 (MN)
150 mil width


Similar Part No. - M93S46-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S46-WBN3 STMICROELECTRONICS-M93S46-WBN3 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-WBN3G STMICROELECTRONICS-M93S46-WBN3G Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-WBN3P STMICROELECTRONICS-M93S46-WBN3P Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-WBN3T STMICROELECTRONICS-M93S46-WBN3T Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
M93S46-WBN3TG STMICROELECTRONICS-M93S46-WBN3TG Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
More results

Similar Description - M93S46-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
   8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I짼C bus EEPROM
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com