Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACTQ543FMQBF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ543FMQBF
Description  Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ543FMQBF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACTQ543FMQBF Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ543FMQBF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Pin Names
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A
0–A7
A-to-B Data Inputs or
B-to-A TRI-STATE Outputs
B
0–B7
B-to-A Data Inputs or
A-to-B TRI-STATE Outputs
Functional Description
The ACTQ543 contains two sets of eight D-type latches, with
separate input and output controls for each set. For data flow
from A to B, for example, the A-to-B Enable (CEAB) input
must be LOW in order to enter data from A
0–A7 or take data
from B
0–B7, as indicated in the Data I/O Control Table. With
CEAB LOW, a LOW signal on the A-to-B Latch Enable
(LEAB) input makes the A-to-B latches transparent; a subse-
quent LOW-to-HIGH transition of the LEAB signal puts the A
latches in the storage mode and their outputs no longer
change with the A inputs. With CEAB and OEAB both LOW,
the TRI-STATE B output buffers are active and reflect the
data present at the output of the A latches. Control of data
flow from B to A is similar, but using the CEBA, LEBA and
OEBA inputs.
Data I/O Control Table
Inputs
Latch Status
Output Buffers
CEAB LEAB OEAB
H
X
X
Latched
High Z
X
H
X
Latched
L
L
X
Transparent
X
X
H
High Z
L
X
L
Driving
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
A-to-B data flow shown; B-to-A flow control is the same, except using CEBA,
LEBA and OEBA
Pin Assignment for
DIP and Flatpak
DS100233-2
Pin Assignment
for LCC
DS100233-3
www.national.com
2


Similar Part No. - 54ACTQ543FMQBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541E-QMLV NSC-54ACTQ541E-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541J-QMLV NSC-54ACTQ541J-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541W-QMLV NSC-54ACTQ541W-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ543FMQBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
   Octal Registered Transceiver with TRI-STATE짰 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com