Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM110YE4-12F Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM110YE4-12F
Description  TLI-Series (Three Level Inverter) IGBT 110 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM110YE4-12F Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM110YE4-12F Datasheet HTML 1Page - Powerex Power Semiconductors CM110YE4-12F Datasheet HTML 2Page - Powerex Power Semiconductors CM110YE4-12F Datasheet HTML 3Page - Powerex Power Semiconductors CM110YE4-12F Datasheet HTML 4Page - Powerex Power Semiconductors CM110YE4-12F Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CM110YE4-12F
TLI-Series (Three Level Inverter) IGBT
110 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
01/10 Rev. 0
Electrical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Inverter Part
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
1
mA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 11mA, VCE = 10V
5
6
7
Volts
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
20
μA
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 110A, VGE = 15V, Tj = 25°C
1.6
2.2
Volts
IC = 110A, VGE = 15V, Tj = 125°C
1.6
Volts
Input Capacitance
Cies
30
nF
Output Capacitance
Coes
VCE = 10V, VGE = 0V
2
nF
Reverse Transfer Capacitance
Cres
1.1
nF
Total Gate Charge
QG
VCC = 300V, IC = 110A, VGE = 15V
680
nC
Turn-on Delay Time
td(on)
VCC = 300V, IC = 110A,
450
ns
Turn-on Rise Time
tr
VGE1 = VGE2 = 15V,
200
ns
Turn-off Delay Time
td(off)
RG = 17Ω,
800
ns
Turn-off Fall Time
tf
Inductive Load Switching Operation,
300
ns
Reverse Recovery Time
trr*1
IE = 110A
200
ns
Reverse Recovery Charge
Qrr*1
0.55
μC
Emitter-Collector Voltage
VEC*1
IE = 110A, VGE = 0V
3.1
Volts
External Gate Resistance
RG
17
57
Ω
Clamp Diode Part
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Repetitive Reverse Current
IRRM
VR = VRRM
1
mA
Forward Voltage Drop
VFM
IF = 110A
2.6
Volts
Reverse Recovery Time
trr
IF = 110A, VCC = 300V,
200
ns
Reverse Recovery Charge
Qrr
VGE1 = VGE2 = 15V, RG = 17Ω,
0.7
μC
Inductive Load Switching Operation
Thermal and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case*4
Rth(j-c')Q
Inverter IGBT
0.33
°C/W
Thermal Resistance, Junction to Case*4
Rth(j-c')D
Inverter FWDi
0.71
°C/W
Thermal Resistance, Junction to Case*4
Rth(c-f)D
Clamp Diode Part
0.38
°C/W
Contact Thermal Resistance*4*5
Rth(c-f)
Thermal Grease Applied (per 1 Module)
0.096
°C/W
*4 TC measured point is just under the chips. If using this value, Rth(f-a) should be measured just under the chips.
*5 Typical value is measured by using thermally conductive grease of λ = 0.9 [W/(m • K)].


Similar Part No. - CM110YE4-12F

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM110 CML-CM110 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM110 VCC-CM110 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1103 CML-CM1103 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM1103 VCC-CM1103 Datasheet
44Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1104 CML-CM1104 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
More results

Similar Description - CM110YE4-12F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM165YE4-12F POWEREX-CM165YE4-12F Datasheet
507Kb / 5P
   TLI-Series (Three Level Inverter) IGBT 165 Amperes/600 Volts
CM400YE2P-12F POWEREX-CM400YE2P-12F Datasheet
691Kb / 5P
   TLI-Series (Three Level Inverter) IGBT 400 Amperes/600 Volts
CM200YE4-12F POWEREX-CM200YE4-12F Datasheet
511Kb / 5P
   TLI-Series (Three Level Inverter) IGBT 200 Amperes/600 Volts
CM300YE2P-12F POWEREX-CM300YE2P-12F Datasheet
691Kb / 5P
   TLI-Series (Three Level Inverter) IGBT 300 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 600 Amperes/600 Volts
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
PM150CL1B060 POWEREX-PM150CL1B060 Datasheet
609Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM150CL1A060 POWEREX-PM150CL1A060 Datasheet
694Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com