Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DALC208SC6Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # DALC208SC6Y
Description  Automotive low capacitance diode array for ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DALC208SC6Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DALC208SC6Y Datasheet HTML 2Page - STMicroelectronics DALC208SC6Y Datasheet HTML 3Page - STMicroelectronics DALC208SC6Y Datasheet HTML 4Page - STMicroelectronics DALC208SC6Y Datasheet HTML 5Page - STMicroelectronics DALC208SC6Y Datasheet HTML 6Page - STMicroelectronics DALC208SC6Y Datasheet HTML 7Page - STMicroelectronics DALC208SC6Y Datasheet HTML 8Page - STMicroelectronics DALC208SC6Y Datasheet HTML 9Page - STMicroelectronics DALC208SC6Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical information
DALC208SC6Y
6/12
Doc ID 16362 Rev 1
Important
Put the protection device as close as possible to the disturbance source (generally the
connector).
Note:
The measurements have been done with the DALC208SC6Y in open circuit.
Figure 8.
ESD behavior: optimized layout and
add of a capacitance of 100 nF
Figure 9.
ESD behavior: measurement
conditions (with coupling
capacitance)
REF1=GND
VI/O
ESD
SURGE
I/O
REF2=+Vcc
C=100nF
Lw
Vcl+ = Vcc+Vf
-Vf
surge >0
surge <0
Vcl- =
t
Vcl+
POSITIVE
SURGE
t
Vcl-
NEGATIVE
SURGE
+5V
TEST BOARD
DALC
208
ESD
SURGE
Figure 10.
Remaining voltage after the
DALC208SC6Y during positive
ESD surge
Figure 11.
Remaining voltage after the
DALC208SC6Y during negative
ESD surge
IEC 61000-4-2
Air Discharge
(150 pF/330
Ω)
Vpp=15 kV
IEC 61000-4-2
Air Discharge
(150 pF/330
Ω)
Vpp=15 kV


Similar Part No. - DALC208SC6Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
164Kb / 10P
   LOW CAPACITANCE DIODE ARRAY
DALC208SC6 STMICROELECTRONICS-DALC208SC6 Datasheet
185Kb / 14P
   Low capacitance diode array
More results

Similar Description - DALC208SC6Y

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
   Low Capacitance Array for ESD Protection Diode
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
   LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
logo
Diodes Incorporated
DESD1P0RFW DIODES-DESD1P0RFW Datasheet
90Kb / 4P
   LOW CAPACITANCE, ESD PROTECTION DIODE ARRAY
logo
Vishay Siliconix
GMF05MC VISHAY-GMF05MC Datasheet
147Kb / 4P
   Low Capacitance ESD Protection Diode Array
Rev. 1.1, 02-Mar-05
logo
Diodes Incorporated
DESD1P0RFWA DIODES-DESD1P0RFWA Datasheet
459Kb / 5P
   LOW CAPACITANCE ESD PROTECTION DIODE ARRAY
Rev. 1 - 2 September 2022
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Littelfuse
SP3010 LITTELFUSE-SP3010 Datasheet
267Kb / 5P
   Ultra-Low Capacitance Diode Array for ESD Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Littelfuse
SC7538-08UTG LITTELFUSE-SC7538-08UTG Datasheet
651Kb / 6P
   0.3pF Diode Array, Low Capacitance ESD Protection
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com