Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9HV5712P3H0011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9HV5712P3H0011
Description  San Ace 172 9HV type High Static Pressure Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9HV5712P3H0011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9HV5712P3H0011 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANYO DENKI
EUROPE SA. is pleased to introduce its new San Ace
172 9HV type DC fan, measuring 172mm diameter by 51mm thick,
side cut. This high static pressure fan has been designed to enhance
the High Performance serie with higher static pressure and less power
consumption than current models.
Features
2 High Reliability
expected life time 70,000 hours at 40°C
1 High Static Pressure
max. static pressure: 1,600Pa
http://www.sanyodenki.eu
P.A. PARIS NORD II 48 Allée des Erables-VILLEPINTE BP. 57286 F-95958 ROISSY CDG CEDEX France
Phone : + 33 1 48 63 26 61
NPI0096_RevA_e
NEW PRODUCT INFORMATION
High Static Pressure Fan
9HV type
9HV Product Range
Performance Comparison
For further information on high static pressure DC fans, please contact us at +33 1 48 63 26 61 or email us at info@sanyodenki.eu.
Main Specifications 9HV serie
Size ................................. 5 sizes : 40, 80, 92,120 & 172mm by 3 thicknesses
Air flow ........................... from 0.83 to 16.1m3/min - 29.3 to 568CFM
Static pressure .............. from 1,000 to 1,600Pa
Rated voltage ................. 12 or 48VDC depending on models
Expected life time .......... 70,000 hours at 40°C
Speed control ................. PWM (25kHz)
Speed feedback .............. pulse sensor
Target Applications
Information, Environment, Industry:
Server
Data storage system
ATCA cabinet, Telecom enclosure
Optical transport module
PV, Wind inverters
Industrial inverters and UPS
How to read Model Number*
9SG 172x51mm
New 9HV 172x51mm
172 cut
600
700
1800
800
1600
1400
9HV 57
Frame size
04
40x40mm
08
80x80mm
09
92x92mm
12
120x120mm
57 diam. 172mm
48 P
G
5
01
Voltage
12 12V
24 24V
48 48V
PWM
control
Sensor
01 pulse sensor
Speed
code
G, H, K
Frame
thickness
3
28mm
1
38mm
5
51mm
Series name /
frame material
9HV
plast. / alu.
0
Frame type
ribbless alu. frame
ribbedplasticframe
1 ribblessplasticframe
(*) contact us for available model numbers
+
60%
1700
1500
1300
1200
1100
1000
900
3 PWM Speed Control Function
to manage power consumption and noise
Frame dimensions [mm]
40
92
80
120
172 cut
0.3
0.4
0.6
0.7
0.8
0.9
0.5
1
2
3
4
6
7
8
9
5
10
20
30
40
38
38
38
28
NEW!
51


Similar Part No. - 9HV5712P3H0011

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9HV5724P5H001 SANYODENKI-9HV5724P5H001 Datasheet
182Kb / 2P
   DC Fan San Ace 172 9HV type
9HV5748P5G001 SANYODENKI-9HV5748P5G001 Datasheet
182Kb / 2P
   DC Fan San Ace 172 9HV type
More results

Similar Description - 9HV5712P3H0011

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9HV5724P5H001 SANYODENKI-9HV5724P5H001 Datasheet
182Kb / 2P
   DC Fan San Ace 172 9HV type
9HV0812P1G601 SANYODENKI-9HV0812P1G601 Datasheet
204Kb / 3P
   DC Fan San Ace 80 9HV type
9HV1224P1A001 SANYODENKI-9HV1224P1A001 Datasheet
222Kb / 3P
   DC Fan San Ace 120 9HV type
9HV0412P3K001 SANYODENKI-9HV0412P3K001 Datasheet
154Kb / 2P
   DC Fan San Ace 40 9HV type
9HV0612P1J001 SANYODENKI-9HV0612P1J001 Datasheet
171Kb / 2P
   DC Fan San Ace 60 9HV type
9HV3612P3K001 SANYODENKI-9HV3612P3K001 Datasheet
139Kb / 1P
   DC Fan San Ace 36 9HV type
9GV5724H501 SANYODENKI-9GV5724H501 Datasheet
162Kb / 2P
   DC Fan San Ace 172 9GV type
logo
List of Unclassifed Man...
9HV0912P1G001 ETC2-9HV0912P1G001 Datasheet
637Kb / 4P
   High Static Pressure Fan San Ace 92
logo
SANYO DENKI CO., LTD.
9SG5724P5H61 SANYODENKI-9SG5724P5H61 Datasheet
195Kb / 3P
   DC Fan San Ace 172 9SG type
9CR5748P9G001 SANYODENKI-9CR5748P9G001 Datasheet
167Kb / 3P
   Counter Rotating Fan San Ace 172 9CR type
109E1712K501 SANYODENKI-109E1712K501 Datasheet
247Kb / 3P
   San Ace 172 9E type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com