Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS117 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS117
Description  Smart Lowside Power Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS117 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BTS117 Datasheet HTML 1Page - Infineon Technologies AG BTS117 Datasheet HTML 2Page - Infineon Technologies AG BTS117 Datasheet HTML 3Page - Infineon Technologies AG BTS117 Datasheet HTML 4Page - Infineon Technologies AG BTS117 Datasheet HTML 5Page - Infineon Technologies AG BTS117 Datasheet HTML 6Page - Infineon Technologies AG BTS117 Datasheet HTML 7Page - Infineon Technologies AG BTS117 Datasheet HTML 8Page - Infineon Technologies AG BTS117 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
19.05.2000
Page 6
BTS 117
On-state resistance
RON = f(Tj); ID=3.5A; VIN=10V
-50
-25
0
25
50
75
100
°C
150
Tj
0
25
50
75
100
125
150
200
typ.
max.
Maximum allowable power dissipation
Ptot = f(Tc)
0
20
40
60
80
100
120
°C
160
150
0
5
10
15
20
25
30
35
40
45
W
55
BTS 117
On-state resistance
RON = f(Tj); ID= 3.5A; VIN=5V
-50
-25
0
25
50
75
100
°C
150
Tj
0
25
50
75
100
125
150
175
200
250
typ.
max.
Typ. input threshold voltage
VIN(th) = f(Tj); ID=0.7mA; VDS=12V
-50
-25
0
25
50
75
100
°C
150
Tj
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
2.0


Similar Part No. - BTS117

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
logo
Infineon Technologies A...
BTS117TC INFINEON-BTS117TC Datasheet
269Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS117 INFINEON-BTS117_12 Datasheet
215Kb / 11P
   Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
logo
Siemens Semiconductor G...
OBTS949 SIEMENS-OBTS949 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS149 INFINEON-BTS149 Datasheet
309Kb / 10P
   Smart Lowside Power Switch
2004-02-02
BTS142D INFINEON-BTS142D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BSP76 INFINEON-BSP76 Datasheet
276Kb / 10P
   Smart Lowside Power Switch
Rev. 1.3, 2008-04-14
logo
Siemens Semiconductor G...
OBTS149 SIEMENS-OBTS149 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
OBTS917 SIEMENS-OBTS917 Datasheet
193Kb / 11P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS134D INFINEON-BTS134D Datasheet
359Kb / 10P
   Smart Lowside Power Switch
2004-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com