Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8411IDCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8411IDCKT
Description  Low-Power, Single-Channel, Digital-to-Analog Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8411IDCKT Datasheet(HTML) 3 Page - Texas Instruments

  DAC8411IDCKT Datasheet HTML 1Page - Texas Instruments DAC8411IDCKT Datasheet HTML 2Page - Texas Instruments DAC8411IDCKT Datasheet HTML 3Page - Texas Instruments DAC8411IDCKT Datasheet HTML 4Page - Texas Instruments DAC8411IDCKT Datasheet HTML 5Page - Texas Instruments DAC8411IDCKT Datasheet HTML 6Page - Texas Instruments DAC8411IDCKT Datasheet HTML 7Page - Texas Instruments DAC8411IDCKT Datasheet HTML 8Page - Texas Instruments DAC8411IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1
2
3
6
5
4
SYNC
SCLK
D
IN
V
OUT
GND
AV
/V
DD
REF
DAC8311, DAC8411
www.ti.com
SBAS439C – AUGUST 2008 – REVISED JULY 2015
5 Device Comparison
Table 1. Related Devices
RELATED DEVICES
16-BIT
14-BIT
12-BIT
10-BIT
8-BIT
Pin and Function
DAC8411
DAC8311
DAC7311
DAC6311
DAC5311
Compatible
Table 2. Package Information
MAXIMUM DIFFERENTIAL
PRODUCT
MAXIMUM RELATIVE ACCURACY (LSB)
NONLINEARITY (LSB)
DAC8411
±8
±2
DAC8311
±4
±1
6 Pin Configuration and Functions
DCK Package
6-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD/VREF
4
I
Power Supply Input, +2 V to +5.5 V.
Serial Data Input. Data is clocked into the 24-bit (DAC8411) or 16-bit (DAC8311) input shift
DIN
3
I
register on the falling edge of the serial clock input.
GND
5
Ground reference point for all circuitry on the part.
SCLK
2
I
Serial Clock Input. Data can be transferred at rates up to 50 MHz.
Level-triggered control input (active low). This is the frame sychronization signal for the input
data. When SYNC goes low, it enables the input shift register and data are transferred in on the
falling edges of the following clocks. The DAC is updated following the 24th (DAC8411) or 16th
SYNC
1
I
(DAC8311) clock cycle, unless SYNC is taken high before this edge, in which case the rising
edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC8x11. Refer to
the DAC8311 and DAC8411 SYNC Interrupt sections for more details.
VOUT
6
O
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC8311 DAC8411


Similar Part No. - DAC8411IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8411IDCKT TI-DAC8411IDCKT Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKT TI-DAC8411IDCKT Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKTG4 TI-DAC8411IDCKTG4 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC8411IDCKT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
APL6002 ANPEC-APL6002 Datasheet
289Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
logo
Texas Instruments
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com