Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8411IDCKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8411IDCKR
Description  Low-Power, Single-Channel, Digital-to-Analog Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8411IDCKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8411IDCKR Datasheet HTML 2Page - Texas Instruments DAC8411IDCKR Datasheet HTML 3Page - Texas Instruments DAC8411IDCKR Datasheet HTML 4Page - Texas Instruments DAC8411IDCKR Datasheet HTML 5Page - Texas Instruments DAC8411IDCKR Datasheet HTML 6Page - Texas Instruments DAC8411IDCKR Datasheet HTML 7Page - Texas Instruments DAC8411IDCKR Datasheet HTML 8Page - Texas Instruments DAC8411IDCKR Datasheet HTML 9Page - Texas Instruments DAC8411IDCKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
DAC8311, DAC8411
SBAS439C – AUGUST 2008 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
at AVDD = 2 V to 5.5 V, RL = 2 kΩ to GND, and CL = 200 pF to GND, and TA = –40°C to +125°C unless otherwise noted.
DAC8411, DAC8311
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
LOGIC INPUTS(3)
Input current
±1
μA
AVDD = 2.7 V to 5.5 V
0.3 × AVDD
V
VINL, input low voltage
AVDD = 2 V to 2.7 V
0.1 × AVDD
V
AVDD = 2.7 V to 5.5 V
0.7 × AVDD
V
VINH, input high voltage
AVDD = 2 V to 2.7 V
0.9 × AVDD
V
Pin capacitance
1.5
3
pF
POWER REQUIREMENTS
AVDD
2
5.5
V
AVDD = 3.6 V to 5.5 V
110
160
VINH = AVDD and VINL =
Normal mode
AVDD = 2.7 V to 3.6 V
95
150
μA
GND, at mid-scale code(6)
AVDD = 2 V to 2.7 V
80
140
IDD
AVDD = 3.6 V to 5.5 V
0.5
3.5
All power-down
VINH = AVDD and VINL =
AVDD = 2.7 V to 3.6 V
0.4
3.0
μA
mode
GND, at mid-scale code(6)
AVDD = 2 V to 2.7 V
0.1
2.0
AVDD = 3.6 V to 5.5 V
0.55
0.88
VINH = AVDD and VINL =
Normal mode
AVDD = 2.7 V to 3.6 V
0.25
0.54
mW
GND, at mid-scale code(6)
AVDD = 2 V to 2.7 V
0.14
0.38
Power
dissipation
AVDD = 3.6 V to 5.5 V
2.50
19.2
All power-down
VINH = AVDD and VINL =
AVDD = 2.7 V to 3.6 V
1.08
10.8
μW
mode
GND, at mid-scale code(6)
AVDD = 2 V to 2.7 V
0.72
8.1
(6)
For more details, see Figure 14 and Figure 55.
6
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: DAC8311 DAC8411


Similar Part No. - DAC8411IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8411IDCKR TI-DAC8411IDCKR Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKR TI-DAC8411IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8411IDCKRG4 TI-DAC8411IDCKRG4 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
More results

Similar Description - DAC8411IDCKR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
APL6002 ANPEC-APL6002 Datasheet
289Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
logo
Texas Instruments
DAC5311 TI1-DAC5311_15 Datasheet
2Mb / 39P
[Old version datasheet]   12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com