Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM15851NKE Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM15851NKE
Description  Ultra-Wideband RF Sampling Subsystem
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM15851NKE Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM15851NKE Datasheet HTML 6Page - Texas Instruments LM15851NKE Datasheet HTML 7Page - Texas Instruments LM15851NKE Datasheet HTML 8Page - Texas Instruments LM15851NKE Datasheet HTML 9Page - Texas Instruments LM15851NKE Datasheet HTML 10Page - Texas Instruments LM15851NKE Datasheet HTML 11Page - Texas Instruments LM15851NKE Datasheet HTML 12Page - Texas Instruments LM15851NKE Datasheet HTML 13Page - Texas Instruments LM15851NKE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
LM15851
SLAS990D – JANUARY 2014 – REVISED JULY 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for V(VA12) = V(VD12) = 1.2 V, V(VA19) = 1.9 V, VIN full scale range at default
setting (725 mVPP), VIN = –1 dBFS, differential AC-coupled sinewave input clock, ƒ(DEVCLK) = 4 GHz at 0.5 VPP with 50% duty
cycle, R(RBIAS) = 3.3 kΩ ±0.1%, after a foreground (FG) mode calibration with timing calibration enabled. Typical values are at
TA = 25°C.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
(3)
60.1
Signal-to-noise ratio,
TA = TMIN to TMAX
(3)
56.7
FIN = 600 MHz, –1 dBFS, decimate-by-4
integrated across DDC alias
mode
SNR2
protected output bandwidth
TA = 25°C, calibration = BG
(3)
60.2
dBFS
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
(3)
56.7
interleaving spurs excluded
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
(3)
57
TA = 25°C
59.9
Signal-to-noise and distortion
TA = TMIN to TMAX
55.9
ratio, integrated across DDC
FIN = 600 MHz, –1 dBFS, decimate-by-4
alias protected output
mode
SINAD1
TA = 25°C, calibration = BG
59.2
dBFS
bandwidth
Input frequency-dependent
TA = TMIN to TMAX, calibration = BG
53.1
interleaving spurs included
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
56.4
TA = 25°C
(3)
60.1
Signal-to-noise and distortion
TA = TMIN to TMAX
(3)
56.3
FIN = 600 MHz, –1 dBFS, decimate-by-4
ratio, integrated across DDC
mode
SINAD2
alias protected output
TA = 25°C, calibration = BG
(3)
60.1
dBFS
bandwidth
TA = TMIN to TMAX, calibration = BG
(3)
56.4
Interleaving spurs excluded
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
(3)
57
TA = 25°C
9.7
TA = TMIN to TMAX
9.0
Effective number of bits,
FIN = 600 MHz, –1 dBFS, Decimate-by-4
integrated across DDC alias
mode
ENOB1
TA = 25°C, calibration = BG
9.5
Bits
protected output bandwidth
Interleaving spurs included
TA = TMIN to TMAX, calibration = BG
8.5
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
9.1
TA = 25°C
(3)
9.7
TA = TMIN to TMAX
(3)
9.0
Effective number of bits,
FIN = 600 MHz, –1 dBFS, decimate-by-4
integrated across DDC alias
mode
ENOB2
TA = 25°C, calibration = BG
(3)
9.7
Bits
protected output bandwidth
Interleaving spurs excluded
TA = TMIN to TMAX, calibration = BG
(3)
9.1
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
(3)
8.5
TA = 25°C
70.1
TA = TMIN to TMAX
59.2
Spurious-free dynamic range
FIN = 600 MHz, –1 dBFS, decimate-by-4
across entire Nyquist
mode
SFDR1
TA = 25°C, calibration = BG
62.9
dBFS
bandwidth
Interleaving spurs included
TA = TMIN to TMAX, calibration = BG
51.8
FIN = 2400 MHz, –1 dBFS, decimate-by-4 mode
66.4
TA = 25°C
(3)
71.6
TA = TMIN to TMAX
(3)
60
Spurious-free dynamic range
FIN = 600 MHz, –1 dBFS, decimate-by-4
across entire Nyquist
mode
SFDR2
TA = 25°C, calibration = BG
(3)
74.8
dBFS
bandwidth
Interleaving spurs excluded
TA = TMIN to TMAX, calibration = BG
(3)
62.9
FIN = 2400 MHz, –1 dBFS, Decimate-by-4 mode
(3)
80.4
TA = 25°C
–72
TA = TMIN to TMAX
–56
Interleaving offset spur at ½
FIN = 600 MHz, –1 dBFS, decimate-by-4
ƒS/2
dBFS
sampling rate
(4)
mode
TA = 25°C, calibration = BG
–65
TA = TMIN to TMAX, calibration = BG
–50.5
TA = 25°C
–68
TA = TMIN to TMAX
–55
Interleaving offset spur at ¼
FIN = 600 MHz, –1 dBFS, decimate-by-4
ƒS/4
dBFS
sampling rate
(4)
mode
TA = 25°C, calibration = BG
–62
TA = TMIN to TMAX, calibration = BG
–47.4
TA = 25°C
–75
Interleaving spur at ½
TA = TMIN to TMAX
–62.3
FIN = 600 MHz, –1 dBFS, decimate-by-4
ƒS/2 – FIN
sampling rate – input
dBFS
mode
TA = 25°C, calibration = BG
–70
frequency
(4)
TA = TMIN to TMAX, calibration = BG
–51.5
(3)
Interleave related spurs at ƒS / 2 – FIN, ƒS / 4 + FIN and ƒS / 4 – FIN are excluded from these performance calculations. The magnitude
of these spurs is provided separately.
(4)
Magnitude of reported tones in output spectrum of ADC core. This tone will only be present in the DDC output for specific Decimation
and NCO settings. Careful frequency planning can be used to intentionally place unwanted tones outside the DDC output spectrum.
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LM15851


Similar Part No. - LM15851NKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
More results

Similar Description - LM15851NKE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM15851 TI-LM15851_15 Datasheet
1Mb / 87P
[Old version datasheet]   LM15851 Ultra-Wideband RF Sampling Subsystem
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145_08 Datasheet
1Mb / 17P
   UHF Wideband Receiver Subsystem
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Wolfson Microelectronic...
WM9090 WOLFSON-WM9090 Datasheet
1Mb / 81P
   Ultra Low Power Audio Subsystem
WM9093 WOLFSON-WM9093 Datasheet
1Mb / 84P
   Ultra Low Power Audio Subsystem
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com