Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101QCMK Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC121S101QCMK
Description  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QCMK Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC121S101QCMK Datasheet HTML 3Page - Texas Instruments DAC121S101QCMK Datasheet HTML 4Page - Texas Instruments DAC121S101QCMK Datasheet HTML 5Page - Texas Instruments DAC121S101QCMK Datasheet HTML 6Page - Texas Instruments DAC121S101QCMK Datasheet HTML 7Page - Texas Instruments DAC121S101QCMK Datasheet HTML 8Page - Texas Instruments DAC121S101QCMK Datasheet HTML 9Page - Texas Instruments DAC121S101QCMK Datasheet HTML 10Page - Texas Instruments DAC121S101QCMK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DAC121S101, DAC121S101-Q1
www.ti.com
SNAS265J – JUNE 2005 – REVISED SEPTEMBER 2015
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 48 to 4047. All limits are for TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
(1)
TYP
(1)
MAX
(1)
UNIT
TA = 25°C
1.43
VA = 5.5 V
mW
TMIN ≤ TA ≤ TMAX
1.72
Normal Mode
fSCLK = 30 MHz
TA = 25°C
0.64
VA = 3.6 V
mW
TMIN ≤ TA ≤ TMAX
0.78
TA = 25°C
1.23
VA = 5.5 V
mW
TMIN ≤ TA ≤ TMAX
1.53
Normal Mode
fSCLK = 20 MHz
TA = 25°C
0.57
VA = 3.6 V
mW
TMIN ≤ TA ≤ TMAX
0.71
VA = 5.5 V
0.84
µW
Power Consumption (output
Normal Mode
PC
unloaded)
fSCLK = 0
VA = 3.6 V
0.42
µW
VA = 5 V
0.42
µW
All PD Modes,
fSCLK = 30 MHz
VA = 3 V
0.13
µW
VA = 5 V
0.28
µW
All PD Modes,
fSCLK = 20 MHz
VA = 3 V
0.08
µW
TA = 25°C
0.39
VA = 5.5 V
µW
TMIN ≤ TA ≤ TMAX
5.5
All PD Modes,
fSCLK = 0
(2)
TA = 25°C
0.14
VA = 3.6 V
µW
TMIN ≤ TA ≤ TMAX
3.6
VA = 5 V
91%
IOUT / IA
Power Efficiency
ILOAD = 2 mA
VA = 3 V
94%
7.6
AC and Timing Characteristics
The following specifications apply for VA = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input code
range 48 to 4047. All limits are for TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK SCLK Frequency
TMIN ≤ TA ≤ TMAX
30
MHz
TA = 25°C
8
CL
400h to C00h
µs
TMIN ≤ TA
200 pF
code change,
10
TMAX
RL = 2 kΩ
Output Voltage Settling
ts
CL = 500 pF
12
µs
Time (1)
00Fh to FF0h
CL ≤ 200 pF
8
µs
code change,
CL = 500 pF
12
µs
RL = 2 kΩ
SR
Output Slew Rate
1
V/µs
Glitch Impulse
Code change from 800h to 7FFh
12
nV-s
Digital Feedthrough
0.5
nV-s
VA = 5 V
6
µs
tWU
Wake-Up Time
VA = 3 V
39
µs
1/fSC
SCLK Cycle Time
TMIN ≤ TA ≤ TMAX
33
ns
LK
TA = 25°C
5
tH
SCLK High time
ns
TMIN ≤ TA ≤ TMAX
13
TA = 25°C
5
tL
SCLK Low Time
ns
TMIN ≤ TA ≤ TMAX
13
TA = 25°C
−15
Set-up Time SYNC to
tSUCL
ns
SCLK Rising Edge
TMIN ≤ TA ≤ TMAX
0
TA = 25°C
2.5
tSUD
Data Set-up Time
ns
TMIN ≤ TA ≤ TMAX
5
(1)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC121S101 DAC121S101-Q1


Similar Part No. - DAC121S101QCMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101QCMK NSC-DAC121S101QCMK Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101QCMKX NSC-DAC121S101QCMKX Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC121S101QCMK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com