Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1204BDWVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1204BDWVR
Description  AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204BDWVR Datasheet(HTML) 1 Page - Texas Instruments

  AMC1204BDWVR Datasheet HTML 1Page - Texas Instruments AMC1204BDWVR Datasheet HTML 2Page - Texas Instruments AMC1204BDWVR Datasheet HTML 3Page - Texas Instruments AMC1204BDWVR Datasheet HTML 4Page - Texas Instruments AMC1204BDWVR Datasheet HTML 5Page - Texas Instruments AMC1204BDWVR Datasheet HTML 6Page - Texas Instruments AMC1204BDWVR Datasheet HTML 7Page - Texas Instruments AMC1204BDWVR Datasheet HTML 8Page - Texas Instruments AMC1204BDWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
AVDD
DGND
AGND
DVDD
DS
Modulator
DATA
VINP
VINN
2.5V
Ref
CLKIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
AMC1204, AMC1204B
SBAS512E – APRIL 2011 – REVISED SEPTEMBER 2015
AMC1204 20-MHz, Second-Order, Isolated Delta-Sigma Modulator
for Current-Shunt Measurement
1 Features
3 Description
The AMC1204 and AMC1204B are 1-bit digital
1
±250-mV Input Voltage Range Optimized for
output, isolated delta-sigma (
ΔΣ) modulators that can
Shunt Resistors
be clocked at up to 20 MHz. The digital isolation of
Certified Digital Isolation:
the modulator output is provided by a silicon dioxide
CSA, VDE V 0884-10, and UL1577 Approved
(SiO2) barrier that is highly resistant to magnetic
interference. This barrier has been certified to provide
Isolation Voltage: 4250 VPEAK (AMC1204B)
basic
galvanic
isolation
of
up
to
4000
VPEAK
Working Voltage: 1200 VPEAK
(AMC1204) and 4250 VPEAK (AMC1204B) according
Transient Immunity: 15 kV/µs
to UL1577, VDE V 0884-10, and CSA standards or
specifications.
Long Isolation Barrier Lifetime
(see Application Report SLLA197)
The AMC1204 and AMC1204B provide a single-chip
solution for measuring the small signal of a shunt
High Electromagnetic Field Immunity
resistor across an isolated barrier. These types of
(see Application Note SLLA181A)
resistors are typically used to sense currents in motor
Outstanding AC Performance:
control inverters, green energy generation systems,
SNR: 84 dB (Minimum)
and other industrial applications. The AMC1204 and
AMC1204B differential inputs easily connect to the
THD: –80 dB (Maximum)
shunt resistor or other low-level signal sources. An
Excellent DC Precision:
internal reference eliminates the need for external
INL: ±8LSB (Maximum)
components. When used with an appropriate external
Gain Error: ±2% (Maximum)
digital filter, an effective number of bits (ENOB) of 14
is achieved at a data rate of 78 kSPS.
External Clock Input for Easier Synchronization
Fully Specified Over the Extended Industrial
A 5-V analog supply (AVDD) is used by the
modulator while the isolated digital interface operates
Temperature Range
from a 3-V, 3.3-V, or 5-V supply (DVDD). The
AMC1204 and AMC1204B are available in SOIC-16
2 Applications
(DW) and SOIC-8 (DWV) packages and are specified
Shunt Resistor Based Current Sensing in:
from –40°C to 105°C.
Motor Control
Device Information(1)
Green Energy
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Inverter Applications
SOIC (16)
10.30 mm × 7.50 mm
Uninterruptible Power Supplies
AMC1204
SOIC (8)
5.85 mm × 7.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC1204BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204BDWVR TI1-AMC1204BDWVR Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
More results

Similar Description - AMC1204BDWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1204-Q1 TI-AMC1204-Q1_15 Datasheet
988Kb / 33P
[Old version datasheet]   20 MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204_14 Datasheet
1Mb / 37P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204_1108 TI1-AMC1204_1108 Datasheet
526Kb / 30P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AUGUST2011
AMC1204 TI1-AMC1204_12 Datasheet
846Kb / 32P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
AMC1204 TI1-AMC1204 Datasheet
478Kb / 29P
[Old version datasheet]   20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
AD7400 AD-AD7400 Datasheet
951Kb / 10P
   Isolated Sigma-Delta Modulator
Rev. PrH
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401 Datasheet
462Kb / 20P
   Isolated Sigma-Delta Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com