Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8881CDGSR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8881CDGSR
Description  Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8881CDGSR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS8881CDGSR Datasheet HTML 4Page - Texas Instruments ADS8881CDGSR Datasheet HTML 5Page - Texas Instruments ADS8881CDGSR Datasheet HTML 6Page - Texas Instruments ADS8881CDGSR Datasheet HTML 7Page - Texas Instruments ADS8881CDGSR Datasheet HTML 8Page - Texas Instruments ADS8881CDGSR Datasheet HTML 9Page - Texas Instruments ADS8881CDGSR Datasheet HTML 10Page - Texas Instruments ADS8881CDGSR Datasheet HTML 11Page - Texas Instruments ADS8881CDGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
ADS8881C, ADS8881I
SBAS547D – MAY 2013 – REVISED AUGUST 2015
www.ti.com
Electrical Characteristics (continued)
All minimum and maximum specifications are at AVDD = 3 V, DVDD = 3 V, VREF = 5 V, VCM = VREF / 2 V,
and fSAMPLE = 1 MSPS, over the operating free-air temperature range, unless otherwise noted.
Typical specifications are at TA = 25°C, AVDD = 3 V, and DVDD = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
At 1 kHz, VREF = 5 V
98
99.9
SINAD
Signal-to-noise + distortion(6)
At 10 kHz, VREF = 5 V
98.7
dB
At 100 kHz, VREF = 5 V
93.3
At 1 kHz, VREF = 5 V
98.5
100
SNR
Signal-to-noise ratio(6)
At 10 kHz, VREF = 5 V
99.5
dB
At 100 kHz, VREF = 5 V
93.5
At 1 kHz, VREF = 5 V
–115
THD
Total harmonic distortion(6)(7) At 10 kHz, VREF = 5 V
–112
dB
At 100 kHz, VREF = 5 V
–102
At 1 kHz, VREF = 5 V
115
Spurious-free dynamic
SFDR
At 10 kHz, VREF = 5 V
112
dB
range(6)
At 100 kHz, VREF = 5 V
102
BW–3dB
–3-dB small-signal bandwidth
30
MHz
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply
2.7
3
3.6
Power-supply
Digital supply range for SCLK > 40 MHz
2.7
3
3.6
V
voltage
DVDD
Digital supply range for SCLK < 40 MHz
1.65
1.8
3.6
Supply current
AVDD
1-MHz sample rate, AVDD = 3 V
1.8
2.4
mA
1-MHz sample rate, AVDD = 3 V
5.5
7.2
mW
PVA
Power dissipation
100-kHz sample rate, AVDD = 3 V
0.55
10-kHz sample rate, AVDD = 3 V
55
μW
Device power-down
IAPD
50
nA
current(8)
DIGITAL INPUTS: LOGIC FAMILY (CMOS)
1.65 V < DVDD < 2.3 V
0.8 × DVDD
DVDD + 0.3
VIH
High-level input voltage
V
2.3 V < DVDD < 3.6 V
0.7 × DVDD
DVDD + 0.3
1.65 V < DVDD < 2.3 V
–0.3
0.2 × DVDD
VIL
Low-level input voltage
V
2.3 V < DVDD < 3.6 V
–0.3
0.3 × DVDD
ILK
Digital input leakage current
±10
±100
nA
DIGITAL OUTPUTS: LOGIC FAMILY (CMOS)
VOH
High-level output voltage
IO = 500-μA source, CLOAD = 20 pF
0.8 × DVDD
DVDD
V
VOL
Low-level output voltage
IO = 500-μA sink, CLOAD = 20 pF
0
0.2 × DVDD
V
TEMPERATURE RANGE
ADS8881C
0
70
Operating free-air
TA
°C
temperature
ADS8881I
–40
85
(6)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise specified.
(7)
Calculated on the first nine harmonics of the input frequency.
(8)
The device automatically enters a power-down state at the end of every conversion, and remains in power-down during the acquisition
phase.
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ADS8881C ADS8881I


Similar Part No. - ADS8881CDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Similar Description - ADS8881CDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8883 TI1-ADS8883_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8887 TI1-ADS8887_14 Datasheet
1Mb / 45P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 48P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
ADS8885 TI1-ADS8885_14 Datasheet
1Mb / 49P
[Old version datasheet]   18-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com