Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8331IBRGER Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IBRGER
Description  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IBRGER Datasheet(HTML) 3 Page - Texas Instruments

  ADS8331IBRGER Datasheet HTML 1Page - Texas Instruments ADS8331IBRGER Datasheet HTML 2Page - Texas Instruments ADS8331IBRGER Datasheet HTML 3Page - Texas Instruments ADS8331IBRGER Datasheet HTML 4Page - Texas Instruments ADS8331IBRGER Datasheet HTML 5Page - Texas Instruments ADS8331IBRGER Datasheet HTML 6Page - Texas Instruments ADS8331IBRGER Datasheet HTML 7Page - Texas Instruments ADS8331IBRGER Datasheet HTML 8Page - Texas Instruments ADS8331IBRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
IN4/NC
(1)
IN5/NC
(1)
IN6/NC
(1)
IN7/NC
(1)
RESET
EOC/
/CDI
INT
ADCIN
AGND
REF-
REF+
VA
VBD
1
2
3
4
5
6
18
17
16
15
14
13
ADS8331
ADS8332
ThermalPad
(BottomSide)
(2)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
IN1
IN2
IN3
IN4/NC
(3)
IN5/NC
(3)
IN6/NC
(3)
IN7/NC
(3)
RESET
EOC/
/CDI
INT
SCLK
FS/CS
SDI
IN0
COM
MUXOUT
ADCIN
AGND
REF-
VA
VBD
CONVST
DGND
SDO
REF+
ADS8331
ADS8332
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
5 Low-Power, High-Speed, SAR Converter Family
RESOLUTION/TYPE
CHANNELS
500 kSPS
1 MSPS
1
ADS8327
ADS8329
2
ADS8328
ADS8330
16-Bit Pseudo-Diff
4
ADS8331
8
ADS8332
1
ADS7279
14-Bit Pseudo-Diff
2
ADS7280
1
ADS7229
12-Bit Pseudo-Diff
2
ADS7230
6 Pin Configuration and Functions
PW Package
RGE PACKAGE
24-Pin TSSOP
24-Pin VQFN With Exposed Thermal Pad
Top View
Top View
(1)
NC = No internal connection (ADS8331
only).
(2)
Connect thermal pad to analog ground.
(3)
NC = No internal connection (ADS8331
only).
Pin Functions: ADS8331
PIN
I/O
DESCRIPTION
NAME
TSSOP
VQFN
ADCIN
21
18
I
ADC input
AGND
20
17
Analog ground
DGND
14
11
Digital interface ground
COM
23
20
I
Common ADC input (usually connected to AGND)
CONVST
15
12
I
Conversion start. Freezes sample and hold, starts conversion.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8331 ADS8332


Similar Part No. - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI-ADS8331IBRGER Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IBRGER TI1-ADS8331IBRGER Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
More results

Similar Description - ADS8331IBRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331_1007 TI-ADS8331_1007 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
[Old version datasheet]   Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
uPI Group Inc.
US5587 UPI-US5587 Datasheet
245Kb / 9P
   Low-Power, 8-bit Analog to Digital Converters
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com