Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7924IRTET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7924IRTET
Description  4-Channel, MicroPOWER Analog-to-Digital Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7924IRTET Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7924IRTET Datasheet HTML 3Page - Texas Instruments ADS7924IRTET Datasheet HTML 4Page - Texas Instruments ADS7924IRTET Datasheet HTML 5Page - Texas Instruments ADS7924IRTET Datasheet HTML 6Page - Texas Instruments ADS7924IRTET Datasheet HTML 7Page - Texas Instruments ADS7924IRTET Datasheet HTML 8Page - Texas Instruments ADS7924IRTET Datasheet HTML 9Page - Texas Instruments ADS7924IRTET Datasheet HTML 10Page - Texas Instruments ADS7924IRTET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
2
3
6
AVDDSupplyVoltage(V)
4
30UnitsAcrossTwoLots
5
Mean+ s
Mean
Mean - s
0
1
2
3
4
5
6
7
8
9
10
-
-
-
-
-
-
-
-
-
-
Temperature( C)
°
AVDD=2.2V
-40.0
105.0
-25.5 -11.0
3.5
18.0
32.5
47.0
61.5
76.0
90.5
10000
1000
100
10
1
0.01
0.1
1000
t
(ms)
CYCLE
1
10
100
AVDD=5V
t
=0V
t
=6 s
PU
ACQ
m
Auto-SingleModes
(1-ChannelMeasurements)
Auto-ScanModes
(4-ChannelMeasurements)
10
9
8
7
6
5
4
3
2
1
0
2.0
2.5
3.0
6.0
AVDDSupplyVoltage(V)
3.5
4.0
5.0
4.5
5.5
Auto-SingleMode
t
=2.5ms
CYCLE
14
12
10
8
6
4
2
0
-
40.0
105.0
Temperature( C)
°
-
25.5
Auto-SingleMode
t
=2.5ms
A
=5.0V
FastI CInterfaceMode
VDD=DVDD
CYCLE
2
AnalogCurrent
DigitalCurrent
-
11.0
3.5
18.0
32.5
47.0
61.5
76.0
90.5
1000
100
10
1
0.01
0.1
1000
t
(ms)
CYCLE
1
10
100
AVDD=2.2V
t
=0V
t
=6 s
PU
ACQ
m
Auto-ScanModes
(4-ChannelMeasurements)
Auto-SingleModes
(1-ChannelMeasurements)
ADS7924
www.ti.com
SBAS482B – JANUARY 2010 – REVISED SEPTEMBER 2015
6.7 Typical Characteristics
At TA = 25°C, unless otherwise noted.
Figure 2. Current vs Temperature
Figure 3. Average Power Dissipation vs Cycle Time
Figure 4. Average Power Dissipation vs Cycle Time
Figure 5. Analog Supply Current vs Supply Voltage
Figure 6. Typical Gain Error vs AVDD Voltage
Figure 7. Gain Error Drift
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS7924


Similar Part No. - ADS7924IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924IRTET TI-ADS7924IRTET Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
More results

Similar Description - ADS7924IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7924 TI-ADS7924 Datasheet
669Kb / 42P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
ADS7924 TI1-ADS7924_14 Datasheet
854Kb / 45P
[Old version datasheet]   2.2V, 12-Bit, 4-Channel, microPOWER??ANALOG-TO-DIGITAL CONVERTER WITH I2C INTERFACE
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y TI-ADS8323Y Datasheet
798Kb / 25P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
ADS-424SM DATEL-ADS-424SM Datasheet
134Kb / 1P
   Multi-Channel Analog to Digital converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com