Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA540A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P4SMA540A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P4SMA540A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  P4SMA540A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P4SMA540A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P4SMA540A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=25A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
g
n
i
k
r
a
m
e
c
i
v
e
D
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
I
N
UI
B.
n
i
M.
x
a
M
A
8
.
6
A
M
S
4
PA
8
V
6C
8
V
65
4
.
64
1
.
70
10
8
.
50
0
0
11
.
8
35
.
0
17
5
0
.
0
A
5
.
7
A
M
S
4
PA
5
V
7C
5
V
73
1
.
78
8
.
70
10
4
.
60
0
54
.
5
33
.
1
11
6
0
.
0
A
2
.
8
A
M
S
4
PA
2
V
8C
2
V
89
7
.
71
6
.
80
12
0
.
70
0
21
.
3
31
.
2
15
6
0
.
0
A
1
.
9
A
M
S
4
PA
1
V
9C
1
V
95
6
.
85
5
.
90
.
18
7
.
70
59
.
9
24
.
3
18
6
0
.
0
A
0
1
A
M
S
4
PA
0
1C
0
10
5
.
95
.
0
10
.
15
5
.
80
16
.
7
25
.
4
13
7
0
.
0
A
1
1
A
M
S
4
PA
1
1C
1
15
.
0
16
.
1
10
.
10
4
.
90
.
56
.
5
26
.
5
15
7
0
.
0
A
2
1
A
M
S
4
PA
2
1C
2
14
.
1
16
.
2
10
.
12
.
0
10
.
10
.
4
27
.
6
18
7
0
.
0
A
3
1
A
M
S
4
PA
3
1C
3
14
.
2
17
.
3
10
.
11
.
1
10
.
10
.
2
22
.
8
11
8
0
.
0
A
5
1
A
M
S
4
PA
5
1C
5
13
.
4
18
.
5
10
.
18
.
2
10
.
19
.
8
12
.
1
24
8
0
.
0
A
6
1
A
M
S
4
PA
6
1C
6
12
.
5
18
.
6
10
.
16
.
3
10
.
18
.
7
15
.
2
26
8
0
.
0
A
8
1
A
M
S
4
PA
8
1C
8
11
.
7
19
.
8
10
.
13
.
5
10
.
19
.
5
12
.
5
28
8
0
.
0
A
0
2
A
M
S
4
PA
0
2C
0
20
.
9
10
.
1
20
.
11
.
7
10
.
14
.
4
17
.
7
20
9
0
.
0
A
2
2
A
M
S
4
PA
2
2C
2
29
.
0
21
.
3
20
.
18
.
8
10
.
11
.
3
16
.
0
32
9
0
.
0
A
4
2
A
M
S
4
PA
4
2C
4
28
.
2
22
.
5
20
.
15
.
0
20
.
10
.
2
12
.
3
34
9
0
.
0
A
7
2
A
M
S
4
PA
7
2C
7
27
.
5
24
.
8
20
.
11
.
3
20
.
17
.
0
15
.
7
36
9
0
.
0
A
0
3
A
M
S
4
PA
0
3C
0
35
.
8
25
.
1
30
.
16
.
5
20
.
17
.
94
.
1
47
9
0
.
0
A
3
3
A
M
S
4
PA
3
3C
3
34
.
1
37
.
4
30
.
12
.
8
20
.
18
.
87
.
5
48
9
0
.
0
A
6
3
A
M
S
4
PA
6
3C
6
32
.
4
38
.
7
30
.
18
.
0
30
.
10
.
89
.
9
49
9
0
.
0
A
9
3
A
M
S
4
PA
9
3C
9
31
.
7
30
.
1
40
.
13
.
3
30
.
14
.
79
.
3
50
0
1
.
0
A
3
4
A
M
S
4
PA
3
4C
3
49
.
0
42
.
5
40
.
18
.
6
30
.
17
.
63
.
9
51
0
1
.
0
A
7
4
A
M
S
4
PA
7
4C
7
47
.
4
44
.
9
40
.
12
.
0
40
.
12
.
68
.
4
61
0
1
.
0
A
1
5
A
M
S
4
PA
1
5C
1
55
.
8
46
.
3
50
.
16
.
3
40
.
17
.
51
.
0
72
0
1
.
0
A
6
5
A
M
S
4
PA
6
5C
6
52
.
3
58
.
8
50
.
18
.
7
40
.
12
.
50
.
7
73
0
1
.
0
A
2
6
A
M
S
4
PA
2
6C
2
69
.
8
51
.
5
60
.
10
.
3
50
.
17
.
40
.
5
84
0
1
.
0
A
8
6
A
M
S
4
PA
8
6C
8
66
.
4
64
.
1
70
.
11
.
8
50
.
13
.
40
.
2
94
0
1
.
0
A
5
7
A
M
S
4
PA
5
7C
5
73
.
1
78
.
8
70
.
11
.
4
60
.
19
.
34
0
15
0
1
.
0
A
2
8
A
M
S
4
PA
2
8C
2
89
.
7
71
.
6
80
.
11
.
0
70
.
15
.
33
1
15
0
1
.
0
A
1
9
A
M
S
4
PA
1
9C
1
95
.
6
85
.
5
90
.
18
.
7
70
.
12
.
35
2
16
0
1
.
0
A
0
0
1
A
M
S
4
PA
0
0
1C
0
0
10
.
5
95
0
10
.
15
.
5
80
.
12
.
27
3
16
0
1
.
0
A
0
1
1
A
M
S
4
PA
0
1
1C
0
1
15
0
16
1
10
.
10
.
4
90
.
10
.
22
5
17
0
1
.
0
A
0
2
1
A
M
S
4
PA
0
2
1C
0
2
14
1
16
2
10
.
12
0
10
.
18
.
15
6
17
0
1
.
0
A
0
3
1
A
M
S
4
PA
0
3
1C
0
3
14
2
17
3
10
.
11
1
10
.
17
.
19
7
17
0
1
.
0
A
0
5
1
A
M
S
4
PA
0
5
1C
0
5
13
4
18
5
10
.
18
2
10
.
14
.
17
0
26
0
1
.
0
A
0
6
1
A
M
S
4
PA
0
6
1C
0
6
12
5
18
6
10
.
16
3
10
.
14
.
19
1
28
0
1
.
0
A
0
7
1
A
M
S
4
PA
0
7
1C
0
7
12
6
19
7
10
.
15
4
10
.
13
.
14
3
28
0
1
.
0
A
0
8
1
A
M
S
4
PA
0
8
1C
0
8
11
7
19
8
10
.
14
5
10
.
12
.
16
4
28
0
1
.
0
A
0
0
2
A
M
S
4
PA
0
0
2C
0
0
20
9
10
1
20
.
11
7
10
.
11
.
14
7
28
0
1
.
0
A
0
2
2
A
M
S
4
PA
0
2
2C
0
2
29
0
21
3
20
.
15
8
10
.
19
.
08
2
38
0
1
.
0
A
0
5
2
A
M
S
4
PA
0
5
2C
0
5
27
3
23
6
20
.
14
1
20
.
12
.
14
4
38
0
1
.
0
A
0
0
3
A
M
S
4
PA
0
0
3C
0
0
35
8
25
1
30
.
16
5
20
.
10
.
14
1
48
0
1
.
0
A
0
5
3
A
M
S
4
PA
0
5
3C
0
5
32
3
38
6
30
.
10
0
30
.
19
.
02
8
48
0
1
.
0
A
0
0
4
A
M
S
4
PA
0
0
4C
0
0
40
8
30
2
40
.
12
4
30
.
18
.
08
4
58
0
1
.
0
A
0
4
4
A
M
S
4
PA
0
4
4C
0
4
48
1
42
6
40
.
16
7
30
.
17
.
02
0
68
0
1
.
0
A
0
8
4
A
M
S
4
PA
0
8
4C
0
8
46
5
44
0
50
.
18
0
40
.
16
.
08
5
68
0
1
.
0
A
0
1
5
A
M
S
4
PA
0
1
5C
0
1
55
8
45
3
50
.
14
3
40
.
16
.
08
9
68
0
1
.
0
A
0
3
5
A
M
S
4
PA
0
3
5C
0
3
55
.
3
0
55
.
6
5
50
.
17
7
40
.
16
.
05
2
78
0
1
.
0
A
0
4
5
A
M
S
4
PA
0
4
5C
0
4
53
1
57
6
50
.
19
5
40
.
15
.
00
4
78
0
1
.
0
A
0
5
5
A
M
S
4
PA
0
5
5C
0
5
55
.
2
2
55
.
7
7
50
.
15
9
40
.
15
.
00
6
78
0
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. All terms and symbols are consistent with ANSI/IEEE CA62.35
4. For bidirectional types with V
R 10 Volts and less, the ID limit is doubled
www.shunyegroup.com.cn


Similar Part No. - P4SMA540A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA540A LITTELFUSE-P4SMA540A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Formosa MS
P4SMA540A FORMOSA-P4SMA540A Datasheet
493Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
GOOD-ARK Electronics
P4SMA540A GOOD-ARK-P4SMA540A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Cystech Electonics Corp...
P4SMA540A CYSTEKEC-P4SMA540A Datasheet
428Kb / 5P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
P4SMA540A VISHAY-P4SMA540A Datasheet
110Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
More results

Similar Description - P4SMA540A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com