Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1262IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1262IPWR
Description  32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1262IPWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS1262IPWR Datasheet HTML 1Page - Texas Instruments ADS1262IPWR Datasheet HTML 2Page - Texas Instruments ADS1262IPWR Datasheet HTML 3Page - Texas Instruments ADS1262IPWR Datasheet HTML 4Page - Texas Instruments ADS1262IPWR Datasheet HTML 5Page - Texas Instruments ADS1262IPWR Datasheet HTML 6Page - Texas Instruments ADS1262IPWR Datasheet HTML 7Page - Texas Instruments ADS1262IPWR Datasheet HTML 8Page - Texas Instruments ADS1262IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
Time (s)
0
1
2
3
4
5
6
7
8
9
10
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
D017
Input Range = H78 mV
Data Rate = 20 SPS
Noise = 0.16 2VP-P
32-Bit
ûADC
PGA
Input
Mux
Digital
Filter
Serial
Interface
and
Control
CS
DOUT/DRDY
SCLK
DRDY
START
Clock
Mux
XTAL2
XTAL1/CLKIN
REFOUT
Ref
Alarm
Signal
Alarm
Buf
AIN0
AIN1
AIN2
AINCOM
GPIO
Level Shift
Temp Sensor
ADS1262
ADS1263
+5 V
DVDD
DGND
Ref
Mux
2.5-V Ref
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
AIN9
PGA
ADS1263 Only
Digital
Filter
Dual Sensor
Excitation
Test V
Internal
Oscillator
24-Bit
ûADC
RESET/PWDN
DIN
AVSS
AVDD
+Exc
±Exc
±Sig
+Sig
±Sen
+Sen
Sensor Test
PGA
Pt 100
Bridge
+3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADS1262, ADS1263
SBAS661B – FEBRUARY 2015 – REVISED JULY 2015
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
with Programmable Gain Amplifier (PGA) and Voltage Reference
1 Features
3 Description
The ADS1262 and ADS1263 are low-noise, low-drift,
1
Precision, 32-bit,
ΔΣ ADC
38.4-kSPS, delta-sigma (
ΔΣ) ADCs with an integrated
Auxiliary 24-Bit,
ΔΣ ADC (ADS1263)
PGA, reference, and internal fault monitors. The
Data Rates: 2.5 SPS to 38400 SPS
ADS1263 integrates an auxiliary, 24-bit,
ΔΣ ADC
intended for background measurements. The sensor-
Differential Input, CMOS PGA
ready ADCs provide complete, high-accuracy, one-
11 Multifunction Analog Inputs
chip measurement solutions for the most-demanding
High-Accuracy Architecture
sensor applications, including weigh scales, strain-
gauge
sensors,
thermocouples,
and
resistance
Offset Drift: 1 nV/°C
temperature devices (RTD).
Gain Drift: 0.5 ppm/°C
The ADCs are comprised of a low-noise, CMOS PGA
Noise: 7 nVRMS (2.5 SPS, Gain = 32)
(gains 1 to 32), a
ΔΣ modulator, followed by a
Linearity: 3 ppm
programmable digital filter. The flexible analog front-
2.5-V Internal Voltage Reference
end (AFE) incorporates two sensor-excitation current
sources suitable for direct RTD measurement.
Temperature Drift: 2 ppm/°C
50-Hz and 60-Hz Rejection
A single-cycle settling digital filter maximizes multiple-
input conversion throughput, while providing 130-dB
Single-Cycle Settled Conversions
rejection of 50-Hz and 60-Hz line cycle interference.
Dual Sensor Excitation Current Sources
The ADS1262 and ADS1263 are pin and functional
Internal Fault Monitors
compatible. These devices are available in a 28-pin
Internal ADC Test Signal
TSSOP package and are fully specified over the
8 General-Purpose Input/Outputs
–40°C to +125°C temperature range.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High-Resolution PLCs
ADS1262
Temperature, Pressure Measurement
TSSOP (28)
9.70 mm × 4.40 mm
ADS1263
Weigh Scales and Strain-Gauge Digitizers
(1) For all available packages, see the package option addendum
Panel Meters, Chart Recorders
at the end of the data sheet.
Analytical Instrumentation
Temperature Compensated Bridge Measurement
ADC Conversion Noise
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS1262IPWR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
   ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
More results

Similar Description - ADS1262IPWR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
   ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS1148-Q1 TI1-ADS1148-Q1 Datasheet
1Mb / 80P
[Old version datasheet]   Automotive,16-Bit, 2-kSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com