Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC3421IRTQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3421IRTQR
Description  Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3421IRTQR Datasheet(HTML) 1 Page - Texas Instruments

  ADC3421IRTQR Datasheet HTML 1Page - Texas Instruments ADC3421IRTQR Datasheet HTML 2Page - Texas Instruments ADC3421IRTQR Datasheet HTML 3Page - Texas Instruments ADC3421IRTQR Datasheet HTML 4Page - Texas Instruments ADC3421IRTQR Datasheet HTML 5Page - Texas Instruments ADC3421IRTQR Datasheet HTML 6Page - Texas Instruments ADC3421IRTQR Datasheet HTML 7Page - Texas Instruments ADC3421IRTQR Datasheet HTML 8Page - Texas Instruments ADC3421IRTQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
Frequency (MHz)
0
12.5
25
37.5
50
62.5
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC3421, ADC3422, ADC3423, ADC3424
SBAS673A – JULY 2014 – REVISED OCTOBER 2015
ADC342x Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
1 Features
3 Description
The ADC342x are a high-linearity, ultra-low power,
1
Quad Channel
quad-channel,
12-bit,
25-MSPS
to
125-MSPS,
12-Bit Resolution
analog-to-digital converter (ADC) family. The devices
Single Supply: 1.8 V
are designed specifically to support demanding, high
input frequency signals with large dynamic range
Serial LVDS Interface
requirements. An input clock divider allows more
Flexible Input Clock Buffer with Divide-by-1, -2, -4
flexibility for system clock architecture design and the
SNR = 70.2 dBFS, SFDR = 87 dBc at
SYSREF
input
enables
complete
system
fIN = 70 MHz
synchronization. The ADC342x family supports serial
low-voltage differential signaling (LVDS) in order to
Ultra-Low Power Consumption:
reduce the number of interface lines, thus allowing for
98 mW/Ch at 125 MSPS
high system integration density. The serial LVDS
Channel Isolation: 105 dB
interface is two-wire, where each ADC data are
Internal Dither and Chopper
serialized and output over two LVDS pairs. An
internal
phase-locked
loop
(PLL)
multiplies
the
Support for Multi-Chip Synchronization
incoming ADC sampling clock to derive the bit clock
Pin-to-Pin Compatible with 14-Bit Version
that is used to serialize the 12-bit output data from
Package: VQFN-56 (8 mm × 8 mm)
each channel. In addition to the serial data streams,
the frame and bit clocks are also transmitted as
LVDS outputs.
2 Applications
Multi-Carrier, Multi-Mode Cellular Base Stations
Device Information(1)
Radar and Smart Antenna Arrays
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Munitions Guidance
ADC342x
VQFN (56)
8.00 mm × 8.00 mm
Motor Control Feedback
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Network and Vector Analyzers
Communications Test Equipment
space
Nondestructive Testing
space
Microwave Receivers
space
Software-Defined Radios (SDRs)
space
Quadrature and Diversity Radio Receivers
space
space
Spectrum at 10-MHz IF
(SFDR = 97 dBc, SNR = 70.4 dBFS, SINAD = 70.4 dBFS,
THD = 98 dBc, HD2 = 95 dBc, HD3 = 97 dBc)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADC3421IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3421 TI1-ADC3421 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
More results

Similar Description - ADC3421IRTQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADC3421-Q1 TI1-ADC3421-Q1 Datasheet
2Mb / 64P
[Old version datasheet]   ADC3421-Q1 Automotive, Quad-Channel, 12-Bit, 25-MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com