Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128D818CIMT Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC128D818CIMT
Description  ADC System Monitor
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128D818CIMT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC128D818CIMT Datasheet HTML 5Page - Texas Instruments ADC128D818CIMT Datasheet HTML 6Page - Texas Instruments ADC128D818CIMT Datasheet HTML 7Page - Texas Instruments ADC128D818CIMT Datasheet HTML 8Page - Texas Instruments ADC128D818CIMT Datasheet HTML 9Page - Texas Instruments ADC128D818CIMT Datasheet HTML 10Page - Texas Instruments ADC128D818CIMT Datasheet HTML 11Page - Texas Instruments ADC128D818CIMT Datasheet HTML 12Page - Texas Instruments ADC128D818CIMT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
ADC128D818
www.ti.com
SNAS483F – FEBRUARY 2010 – REVISED AUGUST 2015
7.6 AC Electrical Characteristics
The following specifications apply for +3.0 VDC ≤ V
+ ≤ +5.5 V
DC , unless otherwise specified. All limits TA = TJ = 25°C unless
otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SERIAL BUS TIMING CHARACTERISTICS
t1
SCL (Clock) Period
TA = TJ = TMIN to TMAX
2.5
100
µs
t2
Data In Set-up Time to SCL High
TA = TJ = TMIN to TMAX
100
ns
t3
Data Out Stable After SCL Low
TA = TJ = TMIN to TMAX
0
ns
t4
SDA Low Set-up Time to SCL Low
TA = TJ = TMIN to TMAX
100
ns
(start)
t5
SDA High Hold Time After SCL High
TA = TJ = TMIN to TMAX
100
ns
(stop)
SCL or SDA time low for I2C bus
TA = TJ = TMIN to TMAX
25
35
ms
tTIME-OUT
reset
(1)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric normal.
Figure 1. Serial Bus Timing Diagram
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC128D818


Similar Part No. - ADC128D818CIMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128D818CIMT NSC-ADC128D818CIMT Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
National Semiconductor ...
ADC128D818CIMTX NSC-ADC128D818CIMTX Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results

Similar Description - ADC128D818CIMT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
Xilinx, Inc
DS608 XILINX-DS608 Datasheet
146Kb / 5P
   LogiCORE IP System Monitor
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
ON Semiconductor
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
   10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
   Power Control and Monitor System
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
logo
MKS Instruments.
835VQM MKS-835VQM Datasheet
372Kb / 8P
   Vac uum Quality Monitor System
logo
Texas Instruments
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com