Electronic Components Datasheet Search |
|
P6KE27A Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
P6KE27A Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 4 page a t a D l a c i n a h c e M s e r u t a e F s c i t s i r e t c a r a h C d n a s g n i t a R m u m i x a M (T A=25 oC unless otherwise noted) Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 600W peak pulse power capabililty with a 10/1000us waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Very fast response time High temp. soldering guaranteed: 265oC/10 seconds, 0.375” (9.5mm) lead length, 5lbs. (2.3 kg) tension Case: JEDEC DO-204AC(DO-15) molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.015oz., 0.4g r e t e m a r a Pl o b m y Se u l a Vt i n U 0 0 0 1 / 0 1 a h t i w n o i t a p i s s i d r e w o p k a e P u ) 1 . g i F ( m r o f e v a w sP M P P 0 0 6 m u m i n i M ) 1 ( W 0 0 0 1 / 0 1 a h t i w t n e r r u c e s l u p k a e P u m r o f e v a w s ) 1 ( I M P P e l b a T t x e N e e SA n o i t a p i s s i d r e w o p e t a t s y d a e t S T t a L 5 7 = oC) m m 5 . 9 ( " 5 7 3 . 0 s h t g n e l d a e l , ) 2 ( P ) V A ( M 0 . 5W e v a w - e n i s f l a h e l g n i s s m 3 . 8 , t n e r r u c e g r u s d r a w r o f k a e P ) 3 ( I M S F 0 0 1A e g a t l o v d r a w r o f s u o e n a t n a t s n i m u m i x a M y l n o l a n o i t c e r i d i n u r o f A 0 5 t a ) 4 ( V F 0 . 5 / 5 . 3s t l o V d a e l - o t - n o i t c n u j e c n a t s i s e r l a m r e h t l a c i p y TR θ L J 0 2 o W / C t n e i b m a - o t - n o i t c n u j e c n a t s i s e r l a m r e h t l a c i p y TR θ A J 5 7 o W / C e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p OT J T , G T S 0 5 1 + o t 5 5 - oC Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above T A=25 oC per Fig. 2 2. Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 4. V F=3.5 V for devices of V(BR) <220V, and V F=5.0 Volt max. for devices of V(BR)>220V Devices for Bidirectional Applications For bi-directional devices, use suffix C or CA for types P6KE6.8 through types P6KE440 (e.g. P6KE6.8C, P6KE440CA). Electrical characteristics apply in both directions. P6KE6.8 THRU P6KE550CA GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage:6.8-550 Volts Peak Pulse Power:600 Watts www.shunyegroup.com |
Similar Part No. - P6KE27A |
|
Similar Description - P6KE27A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |