Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000CIUT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1000CIUT
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000CIUT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC12D1000CIUT Datasheet HTML 6Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 7Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 8Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 9Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 10Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 11Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 12Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 13Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
ADC12D1000, ADC12D1600
SNAS480N – MAY 2010 – REVISED AUGUST 2015
www.ti.com
Pin Functions: Power and Ground Balls
PIN
I/O
EQUIVALENT CIRCUIT
DESCRIPTION
NAME
NO.
A1, A7, B2,
B7, D4, D5,
E4, K1, L1,
GND
NONE
Ground Return for the Analog circuitry.
T4, U4, U5,
W2, W7, Y1,
Y7, H8:N13
A13, A17,
A20, D13,
D16, E17,
F17, F20,
GNDDR
NONE
Ground Return for the Output Drivers.
M17, M20,
U13, U17,
V18, Y13,
Y17, Y20
A9, B8, C9,
GNDE
NONE
Ground Return for the Digital Encoder.
V9, W8, Y9
F2, G2, H3,
J2, K4, L4,
Ground Return for the Track-and-Hold and Clock
GNDTC
NONE
M2, N3, P2,
circuitry.
R2, T2, T3, U1
A2, A6, B6,
C6, D8, D9,
Power Supply for the Analog circuitry. This supply
E1, F1, H4,
VA
NONE
is tied to the ESD ring. Therefore, it must be
N4, R1, T1,
powered up before or with any other supply.
U8, U9, W6,
Y2, Y6
Bias Voltage I-channel. This is an externally
decoupled bias voltage for the I-channel. Each pin
VbiasI
J4, K2
NONE
should individually be decoupled with a 100-nF
capacitor through a low-resistance, low-inductance
path to GND.
Bias Voltage Q-channel. This is an externally
decoupled bias voltage for the Q-channel. Each pin
VbiasQ
L2, M4
NONE
should individually be decoupled with a 100-nF
capacitor through a low-resistance, low-inductance
path to GND.
A11, A15,
C18, D11,
D15, D17, J17,
VDR
J20, R17, R20,
NONE
Power Supply for the Output Drivers.
T17, U11,
U15, U16,
Y11, Y15
A8, B9, C8,
VE
NONE
Power Supply for the Digital Encoder.
V8, W9, Y8
G1, G3, G4,
H2, J3, K3, L3,
Power Supply for the Track-and-Hold and Clock
VTC
M3, N2, P1,
NONE
circuitry.
P3, P4, R3,
R4
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com