Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WTE15-P1111 Datasheet(PDF) 2 Page - SICK AG

Part # WTE15-P1111
Description  Photoelectric proximity sensor, energetic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTE15-P1111 Datasheet(HTML) 2 Page - SICK AG

  WTE15-P1111 Datasheet HTML 1Page - SICK AG WTE15-P1111 Datasheet HTML 2Page - SICK AG WTE15-P1111 Datasheet HTML 3Page - SICK AG WTE15-P1111 Datasheet HTML 4Page - SICK AG WTE15-P1111 Datasheet HTML 5Page - SICK AG WTE15-P1111 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/25/2016 2:10:03 AM
Photoelectric sensors
W15, Photoelectric proximity sensor, energetic
1) Object with 90 % reflectance (referred to standard white, DIN 5033) 2) Average service life of 100,000 h at TA = +25 °C
Type
> WTE15-P1111
Part No.
> 1046148
At a glance
Energetic photoelectric sensor in hybrid design with 350 mm sensing distance
M18 front mount using plastic nut or snap ring, side assembly with 24.1 mm
through holes
Flush mounting possible using the snap ring
Transparent back cover
IR LED emitter
Your benefits
Compatible with many competitor models, making it easy to install and
commission
Flush mounting reduces setup time and prevents obstructions to material flow on
conveyor sections
Clearly visible LED indicators reduce setup time and simplify troubleshooting
IR LED emitter provides a long sensing range
Illustration may differ
Features
Sensor/detection principle:
Photoelectric proximity sensor, energetic
Dimensions (W x H x D):
16.2 mm x 48.5 mm x 31.9 mm
Housing design (light emission):
Hybrid
Thread diameter (housing):
M18 x 1
Sensing range max.:
10 mm ... 350 mm 1)
Sensing range:
10 mm ... 250 mm
Type of light:
Infrared light
Light source:
LED 2)
Wave length:
950 nm
Angle of dispersion:
4.5 °
Light spot size (distance):
Ø 50 mm (350 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Power consumption:
≤ 30 mA 3)
Output type:
PNP
Output function:
Complementary


Similar Part No. - WTE15-P1111

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTE15-P2411 SICK-WTE15-P2411 Datasheet
711Kb / 6P
   Photoelectric proximity sensor, energetic
More results

Similar Description - WTE15-P1111

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTE15-N1111 SICK-WTE15-N1111 Datasheet
651Kb / 6P
   Photoelectric proximity sensor, energetic
WTB12-3N2411 SICK-WTB12-3N2411 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
WTE15-A1111 SICK-WTE15-A1111 Datasheet
654Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-B2411 SICK-WTE15-B2411 Datasheet
714Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-N2411 SICK-WTE15-N2411 Datasheet
711Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-B1111 SICK-WTE15-B1111 Datasheet
654Kb / 6P
   Photoelectric proximity sensor, energetic
WTE15-P2411 SICK-WTE15-P2411 Datasheet
711Kb / 6P
   Photoelectric proximity sensor, energetic
WTE11-2P1132 SICK-WTE11-2P1132 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
WTE15-A2411 SICK-WTE15-A2411 Datasheet
714Kb / 6P
   Photoelectric proximity sensor, energetic
WTB12-3N1231 SICK-WTB12-3N1231 Datasheet
1Mb / 7P
   Photoelectric proximity sensor, energetic
WT18-3P210 SICK-WT18-3P210 Datasheet
737Kb / 6P
   Photoelectric proximity sensor, energetic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com