Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS159N Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSS159N
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS159N Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSS159N Datasheet HTML 1Page - Infineon Technologies AG BSS159N Datasheet HTML 2Page - Infineon Technologies AG BSS159N Datasheet HTML 3Page - Infineon Technologies AG BSS159N Datasheet HTML 4Page - Infineon Technologies AG BSS159N Datasheet HTML 5Page - Infineon Technologies AG BSS159N Datasheet HTML 6Page - Infineon Technologies AG BSS159N Datasheet HTML 7Page - Infineon Technologies AG BSS159N Datasheet HTML 8Page - Infineon Technologies AG BSS159N Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BSS159N
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - minimal footprint
R thJA
-
-
350
K/W
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=-10 V, I D=250 µA
60
-
-
V
Gate threshold voltage
V GS(th)
V DS=3 V, I D=26 µA
-3.5
-2.8
-2.4
Drain-source leakage current
I D (off)
V DS=60 V,
V GS=-10 V, T j=25 °C
-
-
0.1
µA
V DS=60 V,
V GS=-10 V, T j=125 °C
--
10
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
-
10
nA
Saturated drain current
I DSS
V GS=0 V, V DS=10 V
130
-
-
mA
Drain-source on-state resistance
R DS(on)
V GS=0 V, I D=0.07 A
-
3.9
8
V GS=10 V, I D=0.23 A
-
1.8
3.5
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=0.16 A
0.1
0.19
-
S
Values
Rev. 1.0
page 2
2004-02-19


Similar Part No. - BSS159N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS159N INFINEON-BSS159N Datasheet
314Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.32 2006-12-11
BSS159N INFINEON-BSS159N Datasheet
201Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.2 2009-07-29
BSS159NH6327XTSA2 INFINEON-BSS159NH6327XTSA2 Datasheet
201Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 2.2 2009-07-29
BSS159N INFINEON-BSS159N_06 Datasheet
314Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.32 2006-12-11
More results

Similar Description - BSS159N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com