Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACTQ543FMQBD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ543FMQBD
Description  Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ543FMQBD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ACTQ543FMQBD Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 9Page - National Semiconductor (TI) 54ACTQ543FMQBD Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
70.0
pF
V
CC = 5.0V
Capacitance
AC Loading
AC Waveforms
DS100233-10
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100233-11
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100233-12
FIGURE 4. Propagation Delay Waveforms for Inverting
and Non-Inverting Functions
DS100233-13
FIGURE 5. Propagation Delay, Pulse Width Waveforms
DS100233-14
FIGURE 6. TRI-STATE Output High and Low Enable
and Disable Time
www.national.com
6


Similar Part No. - 54ACTQ543FMQBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541 NSC-54ACTQ541 Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541E-QMLV NSC-54ACTQ541E-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541J-QMLV NSC-54ACTQ541J-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ541W-QMLV NSC-54ACTQ541W-QMLV Datasheet
25Kb / 7P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 54ACTQ543FMQBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ544 FAIRCHILD-74ACQ544 Datasheet
86Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ245 NSC-54ACQ245 Datasheet
153Kb / 8P
   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
logo
Texas Instruments
54ACQ245 TI1-54ACQ245 Datasheet
198Kb / 10P
[Old version datasheet]   Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ABT543 NSC-54ABT543 Datasheet
160Kb / 8P
   Octal Registered Transceiver with TRI-STATE짰 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com