Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF40N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF40N65M2
Description  N-channel 650 V, 0.087typ., 32 A MDmesh??M2 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF40N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF40N65M2 Datasheet HTML 1Page - STMicroelectronics STF40N65M2 Datasheet HTML 2Page - STMicroelectronics STF40N65M2 Datasheet HTML 3Page - STMicroelectronics STF40N65M2 Datasheet HTML 4Page - STMicroelectronics STF40N65M2 Datasheet HTML 5Page - STMicroelectronics STF40N65M2 Datasheet HTML 6Page - STMicroelectronics STF40N65M2 Datasheet HTML 7Page - STMicroelectronics STF40N65M2 Datasheet HTML 8Page - STMicroelectronics STF40N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STF40N65M2
Electrical characteristics
DocID027442 Rev 1
5/13
Table 7: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 325 V, ID = 16 A
RG = 4.7
Ω, VGS = 10 V (see
Figure 14: "Switching times
test circuit for resistive load"
and Figure 19: "Switching time
waveform")
-
15
-
ns
tr
Rise time
-
10
-
ns
td(off)
Turn-off-delay time
-
96.5
-
ns
tf
Fall time
-
12
-
ns
Table 8: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
32
A
ISDM
(1)
Source-drain current
(pulsed)
-
128
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = 32 A
-
1.6
V
trr
Reverse recovery time
ISD = 32 A, di/dt = 100 A/µs,
VDD = 60 V (see Figure 16: "
Test circuit for inductive load
switching and diode recovery
times")
-
468
ns
Qrr
Reverse recovery charge
-
8.7
µC
IRRM
Reverse recovery current
-
37.5
A
trr
Reverse recovery time
ISD = 32 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C (see
Figure 16: " Test circuit for
inductive load switching and
diode recovery times")
-
610
ns
Qrr
Reverse recovery charge
-
11.7
µC
IRRM
Reverse recovery current
-
39
A
Notes:
(1)
Pulse width is limited by safe operating area
(2)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%


Similar Part No. - STF40N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
More results

Similar Description - STF40N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
   N-channel 650 V, 0.37 廓 typ., 10 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
May 2015 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STFU9N65M2 STMICROELECTRONICS-STFU9N65M2 Datasheet
462Kb / 12P
   N-channel 650 V, 0.79 typ., 5 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 3
STFU11N65M2 STMICROELECTRONICS-STFU11N65M2 Datasheet
454Kb / 12P
   N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
June 2019 Rev 2
STFU24N60M2 STMICROELECTRONICS-STFU24N60M2 Datasheet
692Kb / 12P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
   N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
April 2018 Rev 4
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
   N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
June 2018 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com