Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF10LN80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF10LN80K5
Description  N-channel 800 V, 0.55typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10LN80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF10LN80K5 Datasheet HTML 1Page - STMicroelectronics STF10LN80K5 Datasheet HTML 2Page - STMicroelectronics STF10LN80K5 Datasheet HTML 3Page - STMicroelectronics STF10LN80K5 Datasheet HTML 4Page - STMicroelectronics STF10LN80K5 Datasheet HTML 5Page - STMicroelectronics STF10LN80K5 Datasheet HTML 6Page - STMicroelectronics STF10LN80K5 Datasheet HTML 7Page - STMicroelectronics STF10LN80K5 Datasheet HTML 8Page - STMicroelectronics STF10LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STF10LN80K5
Electrical characteristics
DocID027751 Rev 3
5/14
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
8
A
ISDM
(1)
Source-drain current
(pulsed)
-
32
A
VSD
(2)
Forward on voltage
ISD = 8 A, VGS = 0 V
-
1.5
V
trr
Reverse recovery time
ISD = 8 A, di/dt = 100 A/µs,
VDD = 60 V, see Figure 17:
"Test circuit for inductive load
switching and diode recovery
times")
-
350
ns
Qrr
Reverse recovery charge
-
3.9
µC
IRRM
Reverse recovery current
-
22.5
A
trr
Reverse recovery time
ISD = 8 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
see Figure 17: "Test circuit
for inductive load switching
and diode recovery times"
-
505
ns
Qrr
Reverse recovery charge
-
5
µC
IRRM
Reverse recovery current
-
20
A
Notes:
(1)
Pulse width limited by safe operating area
(2)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Table 9: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
V (BR)GSO
Gate-source breakdown voltage
IGS= ± 1mA, ID= 0A
30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection,thus eliminating the need for additional external componentry.


Similar Part No. - STF10LN80K5

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STF1006 SUPERWORLD-STF1006 Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006102YZF SUPERWORLD-STF1006102YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006121YZF SUPERWORLD-STF1006121YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006202YZF SUPERWORLD-STF1006202YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006251YZF SUPERWORLD-STF1006251YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
More results

Similar Description - STF10LN80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STP10LN80K5 STMICROELECTRONICS-STP10LN80K5 Datasheet
741Kb / 14P
   N-channel 800 V, 0.55 typ., 8 A MDmesh K5 Power MOSFET in a TO-220 package
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STF8N90K5 STMICROELECTRONICS-STF8N90K5 Datasheet
711Kb / 13P
   N-channel 900 V, 0.60 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 1
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
March 2016
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
   N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
February 2016
STF5N80K5 STMICROELECTRONICS-STF5N80K5 Datasheet
715Kb / 13P
   N-channel 800 V, 1.50(ohm) typ., 4 A MDmesh K5 Power MOSFET in a TO-220FP package
STF4N90K5 STMICROELECTRONICS-STF4N90K5 Datasheet
726Kb / 13P
   N-channel 900 V, 1.90 廓 typ., 4 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com