Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS80 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSS80
Description  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS80 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSS80 Datasheet HTML 1Page - Infineon Technologies AG BSS80 Datasheet HTML 2Page - Infineon Technologies AG BSS80 Datasheet HTML 3Page - Infineon Technologies AG BSS80 Datasheet HTML 4Page - Infineon Technologies AG BSS80 Datasheet HTML 5Page - Infineon Technologies AG BSS80 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BSS80, BSS82
3
Nov-30-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Transition frequency
IC = 20 mA, VCE = 20 V, f = 100 MHz
fT
-
250
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Delay time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
td
-
-
10
ns
Rise time
VCC = 30 V, IC = 150 mA, IB1 = 15 mA,
VBE(off) = 0.5 V
tr
-
-
40
Storage time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tstg
-
-
80
Fall time
VCC = 30 V, IC = 150 mA, IB1=IB2 = 15mA
tf
-
-
30
Test circuits
Delay and rise time
Storage and fall time
EHN00047
Input
Z
0
200
Osc.
r
t
50
1
-30
= 50
< 2 ns
< 5 ns
t
r
200
-16
0
V
ns
V
k
EHN00048
37
-6
-30
0
+15 V
1
k
V
V
< 2ns
= 50
Input
t
Z
r
0
200 ns
1
k
50
Osc.
< 5 ns
t
r


Similar Part No. - BSS80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS806N INFINEON-BSS806N Datasheet
251Kb / 9P
   OptiMOS?? Small-Signal-Transistor
Rev 2.2 2010-03-25
logo
ZP Semiconductor
BSS806N ZPSEMI-BSS806N Datasheet
247Kb / 3P
   OptiMOS?? Small-Signal-Transistor
logo
TY Semiconductor Co., L...
BSS806N TYSEMI-BSS806N Datasheet
160Kb / 3P
   OptiMOS2 Small-Signal-Transistor
More results

Similar Description - BSS80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com