Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD13N65M2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD13N65M2
Description  100% avalanche tested
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N65M2 Datasheet(HTML) 2 Page - STMicroelectronics

  STD13N65M2 Datasheet HTML 1Page - STMicroelectronics STD13N65M2 Datasheet HTML 2Page - STMicroelectronics STD13N65M2 Datasheet HTML 3Page - STMicroelectronics STD13N65M2 Datasheet HTML 4Page - STMicroelectronics STD13N65M2 Datasheet HTML 5Page - STMicroelectronics STD13N65M2 Datasheet HTML 6Page - STMicroelectronics STD13N65M2 Datasheet HTML 7Page - STMicroelectronics STD13N65M2 Datasheet HTML 8Page - STMicroelectronics STD13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Contents
STD13N65M2
2/16
DocID027324 Rev 1
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
Packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


Similar Part No. - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
   Extremely low gate charge
September 2016 Rev 4
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
   N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
October 2019 Rev 1
More results

Similar Description - STD13N65M2

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRF130N06K SEMIHOW-HRF130N06K Datasheet
872Kb / 7P
   100% Avalanche Tested
HRF85N08K SEMIHOW-HRF85N08K Datasheet
185Kb / 7P
   100% Avalanche Tested
HRLF80N06K SEMIHOW-HRLF80N06K Datasheet
190Kb / 7P
   100% Avalanche Tested
logo
Microsemi Corporation
APT30M70BVRG MICROSEMI-APT30M70BVRG Datasheet
63Kb / 4P
   100% Avalanche Tested
logo
STMicroelectronics
STD9HN65M2 STMICROELECTRONICS-STD9HN65M2 Datasheet
505Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF150N10K SEMIHOW-HRLF150N10K Datasheet
233Kb / 7P
   100% Avalanche Tested
logo
STMicroelectronics
STD7LN80K5 STMICROELECTRONICS-STD7LN80K5 Datasheet
824Kb / 16P
   100% avalanche tested
logo
SemiHow Co.,Ltd.
HRLF55N03K SEMIHOW-HRLF55N03K Datasheet
238Kb / 7P
   100% Avalanche Tested
HRLF180N10K SEMIHOW-HRLF180N10K Datasheet
223Kb / 7P
   100% Avalanche Tested
HRLFS90N03K SEMIHOW-HRLFS90N03K Datasheet
232Kb / 7P
   100% Avalanche Tested
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com