Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80N4F6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB80N4F6AG
Description  High avalanche ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80N4F6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STB80N4F6AG Datasheet HTML 1Page - STMicroelectronics STB80N4F6AG Datasheet HTML 2Page - STMicroelectronics STB80N4F6AG Datasheet HTML 3Page - STMicroelectronics STB80N4F6AG Datasheet HTML 4Page - STMicroelectronics STB80N4F6AG Datasheet HTML 5Page - STMicroelectronics STB80N4F6AG Datasheet HTML 6Page - STMicroelectronics STB80N4F6AG Datasheet HTML 7Page - STMicroelectronics STB80N4F6AG Datasheet HTML 8Page - STMicroelectronics STB80N4F6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Contents
STB80N4F6AG
2/15
DocID027978 Rev 2
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 8
4
Package mechanical data ............................................................... 9
4.1
D²PAK package information .............................................................. 9
4.2
D²PAK packing information ............................................................. 12
5
Revision history ............................................................................ 14


Similar Part No. - STB80N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80N20M5 STMICROELECTRONICS-STB80N20M5 Datasheet
935Kb / 14P
   N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STB80NE03L-06-1 STMICROELECTRONICS-STB80NE03L-06-1 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
More results

Similar Description - STB80N4F6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com