Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733EHL Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M37733EHL
Description  PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733EHL Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M37733EHL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
MITSUBISHI MICROCOMPUTERS
M37733EHLXXXHP
PROM VERSION OF M37733MHLXXXHP
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
FUNCTION IN EPROM MODE
1M mode (equivalent to the M5M27C101K)
Reading
__
__
To read the EPROM, set the CE and OE pins to a “L” level. Input the
address of the data (A0 – A16) to be read, and the data will be output
to the I/O pins D0 – D7. The data I/O pins will be floating when either
__
__
the CE or OE pins are in the “H” state.
Programming
Programming must be performed in 8 bits by a byte program. To
__
__
program to the EPROM, set the CE pin to a “L” level and the OE pin to
a “H” level. The CPU will enter the programming mode when 12.5 V
is applied to the VPP pin. The address to be programmed to is selected
with pins A0 – A16, and the data to be programmed is input to pins D0
___
– D7. Set the PGM pin to a “L” level to being programming.
Programming operation
To program the M37733EHLXXXHP, first set VCC = 6 V, VPP = 12.5
V, and set the address to 0100016. Apply a 0.2 ms programming
pulse, check that the data can be read, and if it cannot be read OK,
repeat the procedure, applying a 0.2 ms programming pulse and
checking that the data can be read until it can be read OK. Record
the accumulated number of pulse applied (X) before the data can be
read OK, and then write the data again, applying a further once this
number of pulses (0.2 ! X ms).
When this series of programming operations is complete, increment
the address, and continue to repeat the procedure above until the
last address has been reached.
Finally, when all addresses have been programmed, read with VCC =
VPP = 5 V (or VCC = VPP = 5.5 V).
Table 2. I/O signal in each mode
Read-out
Output
Disable
Programming
Programming
Verify
Program Disable
VIL
VIL
VIH
VIL
VIL
VIH
VIL
VIH
X
VIH
VIL
VIH
X
X
X
VIL
VIH
VIH
5 V
5 V
5 V
12.5 V
12.5 V
12.5 V
5 V
5 V
5 V
6 V
6 V
6 V
Output
Floating
Floating
Input
Output
Floating
__
CE
__
OE
___
PGM
VPP
VCC
Data I/O
Mode
Pin
Note 1 : An X indicates either VIL or VIH.
Programming operation (equivalent to the M5M27C101K)
AC ELECTRICAL CHARACTERISTICS (Ta = 25 ± 5 °C, VCC = 6 V ± 0.25 V, VPP = 12.5 ± 0.3 V, unless otherwise noted)
Address setup time
__
OE
setup time
Data setup time
Address hold time
Data hold time
Output enable to output float delay
VCC setup time
VPP setup time
___
PGM
pulse width
___
PGM
over program pulse width
__
CE
setup time
__
Data valid from OE
µs
µs
µs
µs
µs
ns
µs
µs
ms
ms
µs
ns
tAS
tOES
tDS
tAH
tDH
tDFP
tVCS
tVPS
tPW
tOPW
tCES
tOE
Min.
2
2
2
0
2
0
2
2
0.19
0.19
2
Typ.
0.2
Max.
130
0.21
5.25
150
Symbol
Parameter
Test conditions
Limits
Unit


Similar Part No. - M37733EHL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
More results

Similar Description - M37733EHL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHB MITSUBISHI-M37733EHB Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
   PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com