Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37702S1BFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M37702S1BFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37702S1BFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M37702S1BFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37702S1BFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
4
MITSUBISHI MICROCOMPUTERS
M37702M2AXXXFP, M37702M2BXXXFP
M37702S1AFP, M37702S1BFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Name
Power supply
CNVSS input
Reset input
Clock input
Clock output
Enable output
Bus width selection
input
Analog supply input
Reference voltage
input
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
PIN DESCRIPTION
Pin
VCC, VSS
CNVSS
______
RESET
XIN
XOUT
_
E
BYTE
AVCC,
AVSS
VREF
P00 – P07
P10 – P17
P20 – P27
P30 – P37
P40 – P47
P50 – P57
P60 – P67
P70 – P77
P80 – P87
Functions
Supply 5 V ± 10% to VCC and 0V to VSS.
This pin controls the processor mode. Connect to VSS for single-chip mode, and
to VCC for external ROM types.
To enter the reset state, this pin must be kept at a “L” condition which should be
maintained for the required time.
These are I/O pins of internal clock generating circuit. Connect a ceramic or quartz
crystal resonator between XIN and XOUT. When an external clock is used, the clock
source should be connected to the XIN pin and the XOUT pin should be left open.
Data or instruction read and data write are performed when output from this pin
is “L”.
In memory expansion mode or microprocessor mode, this pin determines
whether the external data bus is 8-bit width or 16-bit width. The width is 16 bits
when “L” signal inputs and 8 bits when “H” signal inputs.
Power supply for the A-D converter. Connect AVCC to VCC and AVSS to VSS
externally.
This is reference voltage input pin for the A-D converter.
In single-chip mode, port P0 becomes an 8-bit I/O port. An I/O direction register
is available so that each pin can be programmed for input or output. These ports
are in input mode when reset.
Address (A7 – A0) is output in memory expansion mode or microprocessor mode.
In single-chip mode, these pins have the same functions as port P0. When the
BYTE pin is set to “L” in memory expansion mode or microprocessor mode and
external data bus is 16-bit width, high-order data (D15 – D8) is input or output
__
when E output is “L” and an address (A15 – A8) is output when E output is “H”.
If the BYTE pin is “H” that is an external data bus is 8-bit width, only address
(A15 – A8) is output.
In single-chip mode, these pins have the same functions as port P0. In memory
expansion mode or microprocessor mode low-order data (D7 – D0) is input or
__
output when E output is “L” and an address (A23 – A16) is output when E output
is “H”.
In single-chip mode, these pins have the same functions as port P0. In memory
__
____
_____
expansion mode or microprocessor mode, R/W, BHE, ALE and HLDA signals
are output.
In single-chip mode, these pins have the same functions as port P0. In memory
_____
____
expansion mode or microprocessor mode, P40 and P41 become HOLD and RDY
input pin respectively. Functions of other pins are the same as in single-chip
mode. In single-chip mode or memory expansion mode, port P42 can be pro-
grammed for
φ1 output pin divided the clock to XIN pin by 2. In microprocessor
mode. P42 always has the function as
φ1 output pin.
In addition to having the same functions as port P0 in single-chip mode, these
pins also function as I/O pins for timer A0, timer A1, timer A2 and timer A3.
In addition to having the same functions as port P0 in single-chip mode, these
____ ____
pins also function as I/O pins for timer A4, external interrupt input INT0, INT1 and
____
INT2 pins, and input pins for timer B0, timer B1 and timer B2.
In addition to having the same functions as port P0 in single-chip mode, these
pins also function as analog input AN0 – AN7 input pins. P77 also has an A-D
conversion trigger input function.
In addition to having the same functions as port P0 in single-chip mode, these
____ ____
pins also function as RXD, TXD, CLK, CTS/RTS pins for UART 0 and UART 1.
Input/Output
Input
Input
Input
Output
Output
Input
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O


Similar Part No. - M37702S1BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37702S1BFP RENESAS-M37702S1BFP Datasheet
751Kb / 60P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37702S1BFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com