Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6985F5V Datasheet(PDF) 5 Page - STMicroelectronics

Part # A6985F5V
Description  38 V 500 mA synchronous step-down switching regulator
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F5V Datasheet(HTML) 5 Page - STMicroelectronics

  A6985F5V Datasheet HTML 1Page - STMicroelectronics A6985F5V Datasheet HTML 2Page - STMicroelectronics A6985F5V Datasheet HTML 3Page - STMicroelectronics A6985F5V Datasheet HTML 4Page - STMicroelectronics A6985F5V Datasheet HTML 5Page - STMicroelectronics A6985F5V Datasheet HTML 6Page - STMicroelectronics A6985F5V Datasheet HTML 7Page - STMicroelectronics A6985F5V Datasheet HTML 8Page - STMicroelectronics A6985F5V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
DocID027738 Rev 2
5/77
A6985F
Pin settings
77
2
Pin settings
2.1
Pin connection
Figure 2. Pin connection (top view)
2.2
Pin description
Table 1. Pin description
No.
Pin
Description
1RST
The RST open collector output is driven low when the output voltage is out of regulation. The RST
is released after an adjustable time DELAY once the output voltage is over the active delay
threshold.
2VCC
Connect a ceramic capacitor (≥ 470 nF) to filter internal voltage reference. This pin supplies the
embedded analog circuitry.
3
SS/INH
An open collector stage can disable the device clamping this pin to GND (INH mode). An internal
current generator (2
A typ.) charges the external capacitor to implement the soft-start.
4
SYNCH/
ISKP
The pin features Master / Slave synchronization in LNM (see Section 7.5 on page 47) and skip
current level selection in LCM (see Section 5.5.2 on page 26).
5FSW
A pull up resistor (E24 series only) to VCC or pull down to GND selects the switching frequency.
Pinstrapping is active only before the soft-start phase to minimize the IC consumption.
6MLF
A pull up resistor (E24 series only) to VCC or pull down to GND selects the low noise mode/low
consumption mode and the active RST threshold. Pinstrapping is active only before the soft-start
phase to minimize the IC consumption.
7
COMP
Output of the error amplifier. The designed compensation network is connected at this pin.
8DELAY
An external capacitor connected at this pin sets the time DELAY to assert the rising edge of the
RST o.c. after the output voltage is over the reset threshold. If this pin is left floating, RST is like
a Power Good.
9
VOUT
Output voltage sensing
10
SGND
Signal GND


Similar Part No. - A6985F5V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
A6984TR STMICROELECTRONICS-A6984TR Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
   38 V, 2 A synchronous step-down switching regulator with 30 쨉A quiescent current
November 2015 Rev 6
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F3V3 STMICROELECTRONICS-A6986F3V3 Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
More results

Similar Description - A6985F5V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
   38 V, 2 A synchronous step-down switching regulator
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
   36 V 400 mA synchronous step-down switching regulator
July 2014 Rev 3
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com