Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6985F Datasheet(PDF) 10 Page - STMicroelectronics

Part # A6985F
Description  38 V 500 mA synchronous step-down switching regulator
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6985F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button A6985F Datasheet HTML 6Page - STMicroelectronics A6985F Datasheet HTML 7Page - STMicroelectronics A6985F Datasheet HTML 8Page - STMicroelectronics A6985F Datasheet HTML 9Page - STMicroelectronics A6985F Datasheet HTML 10Page - STMicroelectronics A6985F Datasheet HTML 11Page - STMicroelectronics A6985F Datasheet HTML 12Page - STMicroelectronics A6985F Datasheet HTML 13Page - STMicroelectronics A6985F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Electrical characteristics
A6985F
10/77
DocID027738 Rev 2
AV
Error amplifier gain
(2)
100
dB
ICOMP
EA output current capability
±6
±12
±25
A
(4)
±4
Inner current loop
gCS
Current sense
transconductance (VCOMP to
inductor current gain)
IPK = 0.5 A
(2)
1.67
A/V
Slope compensation
(5)
0.2
0.3
0.4
A
Overvoltage protection
VOVP
Overvoltage trip (VOVP/VREF)
1.15
1.2
1.25
VOVP
HYST
Overvoltage hysteresis
0.5
2
5
%
Synchronization (fan out: 6 slave devices typ.)
fSYN MIN
Synchronization frequency
LNM; fSW = VCC
266.5
kHz
VSYN TH SYNCH input threshold
LNM, SYNCH rising
0.70
1.2
V
ISYN
SYNCH pulldown current
LNM, VSYN = 1.2 V
0.7
mA
VSYN OUT
High level output
LNM, 5 mA sinking load
1.40
V
Low level output
LNM, 0.7 mA sourcing load
0.6
Reset
VTHR
Selected RST threshold
MLF pinstrapping before SS
See Table 7,Table 8, Table 9
VTHR HYST RST hysteresis
(2)
2%
VRST
RST open collector output
VIN > VINH AND VFB < VTH
4 mA sinking load
0.4
V
2 < VIN < VINH
4 mA sinking load
0.8
Delay
VTHD
RST open collector released
as soon as VDELAY > VTHD
VFB > VTHR
1.19 1.234 1.258
V
ID CH
CDELAY charging current
VFB > VTHR
12
3
A
Thermal shutdown
TSHDWN
Thermal shutdown
temperature
(2)
165
°C
THYS
Thermal shutdown hysteresis
(2)
30
1. Parameter tested in static condition during testing phase. Parameter value may change over dynamic application condition.
2. Not tested in production.
3. LCM enables SLEEP mode at light-load.
4. TJ = -40°C.
5. Measured at fsw = 250 kHz.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Note Min.
Typ.
Max.
Unit
VPP gCS


Similar Part No. - A6985F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
A6984TR STMICROELECTRONICS-A6984TR Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
   38 V, 2 A synchronous step-down switching regulator with 30 쨉A quiescent current
November 2015 Rev 6
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
A6986F3V3 STMICROELECTRONICS-A6986F3V3 Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
More results

Similar Description - A6985F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
   38 V 1.5 A synchronous step-down switching regulator
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
   38 V, 2 A synchronous step-down switching regulator
L6984 STMICROELECTRONICS-L6984 Datasheet
4Mb / 34P
   36 V 400 mA synchronous step-down switching regulator
July 2014 Rev 3
A6984 STMICROELECTRONICS-A6984 Datasheet
4Mb / 47P
   36 V, 400 mA automotive synchronous step-down switching regulator
March 2017 Rev 1
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
   38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
logo
Texas Instruments
TL497A TI-TL497A_15 Datasheet
830Kb / 20P
[Old version datasheet]   500-mA PEAK STEP-UP STEP-DOWN,INVERTING SWITCHING VOLTAGE REGULATOR
TL497A TI-TL497A_06 Datasheet
446Kb / 16P
[Old version datasheet]   500-mA PEAK STEP-UP, STEP-DOWN, INVERTING SWITCHING VOLTAGE REGULATOR
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
[Old version datasheet]   150-mA 100-V Step-Down Switching Regulator
logo
Linear Technology
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com