Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QC3CA16.000F20B25R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QC3CA16.000F20B25R
Description  2.5x3.2 4-Pad SMD All Ceramic Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC3CA16.000F20B25R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QC3CA16.000F20B25R Datasheet HTML 1Page - List of Unclassifed Manufacturers QC3CA16.000F20B25R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC3CA Series
2.5x3.2 4-Pad SMD All Ceramic Crystal Unit
Features
• All ceramic epoxy sealed SMD package
• Low in height, suitable for thin equipment
• Tight tolerance and stability available
Mechanical Dimensions
Applications
• High density applications
• Modem, communication and test equipment
Frequency Stability vs. Temperature
Operating Temperature
±20ppm
±30ppm
±50ppm
-20 to +70°C

-40 to +85°C

 standard
 available
General Specifications
Frequency Range
12.000 to 48.000MHz (Fundamental)
Frenquency Tolerance at 25°C
±20 to ±50ppm (±30ppm standard)
Frequency Stability over Temperature Range
See Stability vs. Temperature Table
Storage Temperature
-55 to +125°C
Aging per Year
±5ppm max.
Load Capacitance CL
10 to 32pF and Series Resonance
Shunt Capacitance C0
7.0pF max.
Equivalent Series Resistance (ESR)
See ESR Table
Drive Level
100µW typ. (500µW max)
Insulation Resistance (M
)
500 at 100Vdc ±15Vdc
Equivalent Series Resistance (ESR)
Frequency Range - MHz
 max.
Mode of Operation
12.000 to 16.000
120
Fundamental
16.000 to 25.000
60
Fundamental
25.000 to 30.000
50
Fundamental
30.000 to 48.000
35
Fundamental
Part Numbering Guide
Qantek
Code
Package
Nominal Frequency
(in MHz)
Vibration
Mode
Load Capacitance
Operating Temperature
Range
Frequency
Tolerance
Frequency
Stability
Packaging
Q = Qantek
C3CA = 2.5x3.2
= 4-Pad SMD
7 digits including the
decimal point
(f.ie. 12.0000)
F = AT-Fund
S = Series
12 = 12pF
18 = 18pF
20 = 20pF etc.
A = -20 to +70°C
B = -40 to +85°C
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
2 = ±20ppm
3 = ±30ppm
5 = ±50ppm
M = 250pcs Tape&Reel
R = 1000pcs Tape&Reel
Example: QC3CA12.0000F12B33R
bold letters = recommended standard specification


Similar Part No. - QC3CA16.000F20B25R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC3040M200S SCHNEIDER-QC3040M200S Datasheet
85Kb / 2P
   ALL-IN-ONE RINGLESS OH/UG 200A SURFACE
QC3040M200SH SCHNEIDER-QC3040M200SH Datasheet
104Kb / 2P
   ALL-IN-ONE RINGLESS OH/ UG200ASURFACEHORN
More results

Similar Description - QC3CA16.000F20B25R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
QC5A ETC2-QC5A Datasheet
240Kb / 2P
   3.2x5.0 4-Pad SMD Quartz Crystal Unit
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC16 ETC2-QC16 Datasheet
216Kb / 2P
   1.2x1.6 4-Pad SMD Quartz Crystal Unit
logo
Suntsu Electronics, Inc...
SXT834 SUNTSU-SXT834 Datasheet
372Kb / 3P
   Plastic SMD 4 Pad Crystal
SXT114 SUNTSU-SXT114 Datasheet
405Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT214 SUNTSU-SXT214 Datasheet
337Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT424 SUNTSU-SXT424 Datasheet
307Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT634 SUNTSU-SXT634 Datasheet
362Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT324 SUNTSU-SXT324 Datasheet
518Kb / 2P
   Ceramic SMT 4 Pad Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com