Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSE9L-3P2237 Datasheet(PDF) 2 Page - SICK AG

Part # WSE9L-3P2237
Description  Through-beam photoelectric sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WSE9L-3P2237 Datasheet(HTML) 2 Page - SICK AG

  WSE9L-3P2237 Datasheet HTML 1Page - SICK AG WSE9L-3P2237 Datasheet HTML 2Page - SICK AG WSE9L-3P2237 Datasheet HTML 3Page - SICK AG WSE9L-3P2237 Datasheet HTML 4Page - SICK AG WSE9L-3P2237 Datasheet HTML 5Page - SICK AG WSE9L-3P2237 Datasheet HTML 6Page - SICK AG WSE9L-3P2237 Datasheet HTML 7Page - SICK AG WSE9L-3P2237 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/25/2016 1:43:26 AM
Photoelectric sensors
W9L-3, Through-beam photoelectric sensor
1) Average service life 50,000 h at TA = +25 °C
Type
> WSE9L-3P2237
Part No.
> 1058182
At a glance
Tough VISTAL™ housing
Precise laser light spot
Laser class 1
Teach-in
Optimized SICK ASIC technology
Connections: M8 and M12 plugs, cable as well as cable with plug
M3 hole pattern
Your benefits
Precise detection of small objects and object features
Detection of objects even through small openings
Less machine downtime thanks to the stable VISTAL™ housing
The longest sensing ranges in its class
Wide range of connection options
Multiple mounting options
Highly visible light spot simplifies alignment
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
12.2 mm x 49.8 mm x 23.6 mm
Housing design (light emission):
Rectangular
Mounting hole:
M3
Sensing range max.:
0 m ... 60 m
Sensing range:
0 m ... 50 m
Type of light:
Visible red light
Light source:
Laser 1)
Laser class:
1, 1 (IEC 60825-1 ∕ CDRH 21 CFR 1040.10 & 1040.11)
Adjustment:
Single teach-in button
Light spot size (distance):
Ø 1 mm (500 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
< 5 Vpp 2)
Power consumption:
≤ 30 mA 3)


Similar Part No. - WSE9L-3P2237

ManufacturerPart #DatasheetDescription
logo
SICK AG
WSE9L-3P2437 SICK-WSE9L-3P2437 Datasheet
883Kb / 8P
   Through-beam photoelectric sensor
More results

Similar Description - WSE9L-3P2237

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
LLR-C23PA-NMS-400 CONTRINEX-LLR-C23PA-NMS-400 Datasheet
461Kb / 6P
   PHOTOELECTRIC SENSOR THROUGH-BEAM
logo
SICK AG
WSWE2F-E010S04 SICK-WSWE2F-E010S04 Datasheet
555Kb / 5P
   Through-beam photoelectric sensor
WSWE2F-F210 SICK-WSWE2F-F210 Datasheet
648Kb / 6P
   Through-beam photoelectric sensor
WSE4S-3E3130H SICK-WSE4S-3E3130H Datasheet
1Mb / 7P
   Through-beam photoelectric sensor
WSE4S-3F3130H SICK-WSE4S-3F3130H Datasheet
919Kb / 5P
   Through-beam photoelectric sensor
WSE4SL-3N1137 SICK-WSE4SL-3N1137 Datasheet
847Kb / 7P
   Through-beam photoelectric sensor
WSE9L-3N2237 SICK-WSE9L-3N2237 Datasheet
881Kb / 8P
   Through-beam photoelectric sensor
WSE2S-2P3030S02 SICK-WSE2S-2P3030S02 Datasheet
688Kb / 6P
   Through-beam photoelectric sensor
WSE2S-2P3130 SICK-WSE2S-2P3130 Datasheet
684Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-E110 SICK-WSWE2F-E110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
WSWE2F-P110 SICK-WSWE2F-P110 Datasheet
650Kb / 6P
   Through-beam photoelectric sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com