Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QC3CA25.000F18A33R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QC3CA25.000F18A33R
Description  2.5x3.2 4-Pad SMD All Ceramic Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC3CA25.000F18A33R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QC3CA25.000F18A33R Datasheet HTML 1Page - List of Unclassifed Manufacturers QC3CA25.000F18A33R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC3CA Series
2.5x3.2 4-Pad SMD All Ceramic Crystal Unit
Tape and Reel Dimensions
Marking Code Guide
Contains frequency, Qantek manufacturing code, production code (month and year) and load capacitance.
Month Codes
January
A
July
G
February
B
August
H
March
C
September
I
April
D
October
J
May
E
November
K
June
F
December
L
Year Codes
2010
0
2011
1
2012
2
2013
3
2014
4
2015
5
Load Capacitance Code in pF
pF
PN Code
pF
PN Code
12
A
20
F
18B22
G
8
C
30
H
10
D
32
I
16
E
S
S
Example: First Line: 12.000 (Frequency) Second Line: QA1A (Qantek - January - 2011 - 12 pF)
Solder Reflow Profile
Environmental Specifications
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD, Method 1010, B
Gross Leak
MIL-STD-202, Method 112
Fine Leak
MIL-STD-202, Method 112
All specifications are subject to change without notice.


Similar Part No. - QC3CA25.000F18A33R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC3040M200S SCHNEIDER-QC3040M200S Datasheet
85Kb / 2P
   ALL-IN-ONE RINGLESS OH/UG 200A SURFACE
QC3040M200SH SCHNEIDER-QC3040M200SH Datasheet
104Kb / 2P
   ALL-IN-ONE RINGLESS OH/ UG200ASURFACEHORN
More results

Similar Description - QC3CA25.000F18A33R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
QC5A ETC2-QC5A Datasheet
240Kb / 2P
   3.2x5.0 4-Pad SMD Quartz Crystal Unit
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC16 ETC2-QC16 Datasheet
216Kb / 2P
   1.2x1.6 4-Pad SMD Quartz Crystal Unit
logo
Suntsu Electronics, Inc...
SXT834 SUNTSU-SXT834 Datasheet
372Kb / 3P
   Plastic SMD 4 Pad Crystal
SXT114 SUNTSU-SXT114 Datasheet
405Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT214 SUNTSU-SXT214 Datasheet
337Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT424 SUNTSU-SXT424 Datasheet
307Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT634 SUNTSU-SXT634 Datasheet
362Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT324 SUNTSU-SXT324 Datasheet
518Kb / 2P
   Ceramic SMT 4 Pad Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com