Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL15-E1133 Datasheet(PDF) 2 Page - SICK AG

Part # WL15-E1133
Description  Photoelectric retro-reflective sensor, Standard optics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL15-E1133 Datasheet(HTML) 2 Page - SICK AG

  WL15-E1133 Datasheet HTML 1Page - SICK AG WL15-E1133 Datasheet HTML 2Page - SICK AG WL15-E1133 Datasheet HTML 3Page - SICK AG WL15-E1133 Datasheet HTML 4Page - SICK AG WL15-E1133 Datasheet HTML 5Page - SICK AG WL15-E1133 Datasheet HTML 6Page - SICK AG WL15-E1133 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/25/2016 1:54:20 AM
Photoelectric sensors
W15, Photoelectric retro-reflective sensor, Standard optics
1) PL80A 2) Average service life of 100,000 h at TA = +25 °C
Type
> WL15-E1133
Part No.
> 1046149
At a glance
Photoelectric retro-reflective sensor in hybrid design with 5 m sensing range
Mounting flexibility: M18 front mount using plastic nut or snap ring, side assembly
with 24.1 mm through holes
Flush mounting possible using the snap ring
Transparent back cover
Highly visible sender LED
Options with an adjustable delay of 0 - 2s
Your benefits
Compatible with many competitor models, making it easy to install and
commission
Flush mounting reduces setup time and prevents obstructions to material flow on
conveyor sections
Clearly visible LED indicators reduce setup time and simplify troubleshooting
Quick and easy alignment due to highly visible light spot
Illustration may differ
Features
Sensor/detection principle:
Photoelectric retro-reflective sensor, Dual lens
Dimensions (W x H x D):
16.2 mm x 48.5 mm x 31.9 mm
Housing design (light emission):
Hybrid
Thread diameter (housing):
M18 x 1
Sensing range max.:
0.035 m ... 5 m 1)
Sensing range:
0.035 m ... 3.5 m
Type of light:
Visible red light
Light source:
LED 2)
Wave length:
650 nm
Time type:
Off delay, Adjustable via time control
Delay time:
0 s, 2 s
Angle of dispersion:
1.5 °
Light spot size (distance):
Ø 140 mm (3.5 m)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)


Similar Part No. - WL15-E1133

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL15-E2433 SICK-WL15-E2433 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
More results

Similar Description - WL15-E1133

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL15-A2430 SICK-WL15-A2430 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-F2433 SICK-WL15-F2433 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL12-3N1230S33 SICK-WL12-3N1230S33 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL12C-3P2432A71 SICK-WL12C-3P2432A71 Datasheet
681Kb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL11-2P2430P02 SICK-WL11-2P2430P02 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL15-E2433 SICK-WL15-E2433 Datasheet
726Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-P1130 SICK-WL15-P1130 Datasheet
663Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL15-P2430S01 SICK-WL15-P2430S01 Datasheet
723Kb / 6P
   Photoelectric retro-reflective sensor, Standard optics
WL12-3P2441 SICK-WL12-3P2441 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL250-2R1531 SICK-WL250-2R1531 Datasheet
569Kb / 7P
   Photoelectric retro-reflective sensor, Standard optics
WL11-2N1130 SICK-WL11-2N1130 Datasheet
1Mb / 7P
   Photoelectric retro-reflective sensor, Standard optics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com