Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QC1632.000F20B13M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QC1632.000F20B13M
Description  1.2x1.6 4-Pad SMD Quartz Crystal Unit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QC1632.000F20B13M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QC1632.000F20B13M Datasheet HTML 1Page - List of Unclassifed Manufacturers QC1632.000F20B13M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
QANTEK Technology Corporation
Phone: +1 877-227-0440 (tollfree)
www.qantek.com
Fax:
+1 877-227-0440 (tollfree)
info@qantek.com
QC16 Series
1.2x1.6 4-Pad SMD Quartz Crystal Unit
Tape and Reel Dimensions
Marking Code Guide
Contains frequency, Qantek manufacturing code, production code (month and year) and load capacitance.
Year/Month Codes
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
2011 / 2015
A
B
C
D
E
F
G
H
J
K
L
M
2012 / 2016
N
P
Q
R
S
T
U
V
W
X
Y
Z
2013 / 2017
a
b
c
d
e
f
g
h
j
k
l
m
2014 / 2018
n
p
q
r
s
t
u
v
w
x
y
z
Load Capacitance Code in pF
pF
PN Code
pF
PN Code
12
A
20
F
18
B
22
G
8
C
30
H
10
D
32
I
16
E
S
S
Example: First Line: 240 (Frequency) Second Line: QAA (Qantek - January 2011 - 12 pF)
Solder Reflow Profile
Environmental Specifications
Mechanical Shock
MIL-STD-202, Method 213, C
Vibration
MIL-STD-202, Method 201 & 204
Thermal Cycle
MIL-STD, Method 1010, B
Gross Leak
MIL-STD-202, Method 112
Fine Leak
MIL-STD-202, Method 112
All specifications are subject to change without notice.


Similar Part No. - QC1632.000F20B13M

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QC12L200C SCHNEIDER-QC12L200C Datasheet
114Kb / 2P
   METER MAIN RINGLESS OH/UG 200A
QC12L200CH SCHNEIDER-QC12L200CH Datasheet
57Kb / 2P
   METER MAIN RINGLESS HORN OH/UG 200A
QC12L200S SCHNEIDER-QC12L200S Datasheet
104Kb / 2P
   METERMAIN RINGLESS OH/UG 200A SURFACE
logo
Pulse A Technitrol Comp...
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-2 PULSE-QC1553-2 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - QC1632.000F20B13M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QC5A ETC2-QC5A Datasheet
240Kb / 2P
   3.2x5.0 4-Pad SMD Quartz Crystal Unit
QC7A ETC2-QC7A Datasheet
243Kb / 2P
   5x7 4-Pad SMD Quartz Crystal Unit
QC6A ETC2-QC6A Datasheet
255Kb / 2P
   3.5x6.0 4-Pad SMD Quartz Crystal Unit
logo
Seiko Instruments Inc
SC-16S SII-SC-16S Datasheet
430Kb / 1P
   SMD Quartz Crystal Unit
SC-20S SII-SC-20S Datasheet
304Kb / 1P
   SMD Quartz Crystal Unit
SC-32S SII-SC-32S Datasheet
624Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-FL SII-SSP-T7-FL Datasheet
588Kb / 1P
   SMD Quartz Crystal Unit
SC-20T SII-SC-20T Datasheet
151Kb / 1P
   SMD Quartz Crystal Unit
SC-32A SII-SC-32A Datasheet
626Kb / 1P
   SMD Quartz Crystal Unit
SSP-T7-F SII-SSP-T7-F Datasheet
591Kb / 1P
   SMD Quartz Crystal Unit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com