Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G004481009711 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X1G004481009711
Description  SG7050CAN 13.560000 MHz TJGA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004481009711 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X1G004481009711 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004481009711 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004481009711 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004481009711 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004481009711 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Clock OSC
SG7050CAN
Product name
SG7050CAN
13.560000 MHz TJGA
Product Number / Ordering code
X1G0044810097xx
Please refer to the 8.Packing information about xx (last 2 digits)
Output waveform CMOS
Pb free / Complies with EU RoHS directive
Reference weight Typ. 147 mg
1.Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Maximum supply voltage
Vcc-GND
-0.3
-
4
V
-
Storage temperature
T_stg
-40
-
+125
ºC
Storage as single product
Input voltage
Vin
-0.3
-
Vcc+0.3
V
ST terminal
2.Specifications(characteristics)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Output frequency
f0
13.5600
MHz
Supply voltage
Vcc
1.6
-
3.63
V
-
Operating temperature
T_use
-40
-
+85
ºC
-
Frequency tolerance
f_tol
-50
-
50
x10
-6
T_use
Current consumption
Icc
-
-
3
mA
No load condition
Stand-by current
I_std
-
-
2.7
µA
ST = GND
Disable current
I_dis
-
-
-
mA
-
Symmetry
SYM
45
-
55
%
50% Vcc Level L_CMOS=<15pF
Output voltage
VOH
Vcc-0.4
-
-
-
VOL
-
-
0.4
-
Output load condition
L_CMOS
-
-
15
pF
CMOS Load
Input voltage
VIH
0.8Vcc
-
-
ST terminal
VIL
-
-
0.2Vcc
ST terminal
Rise time
tr
-
-
4
ns
Fall time
tf
-
-
4
ns
Start-up time
t_str
-
-
3
ms
t = 0 at 0.9Vcc
Jitter
tDJ
-
0
-
ps
Deterministic Jitter Vcc=3.3V
tRJ
-
2.4
-
ps
Random Jitter Vcc=3.3V
tRMS
-
2.3
-
ps
δ(RMS of total distribution) Vcc=3.3V
tp-p
-
20
-
ps
Peak to Peak Vcc=3.3V
tacc
-
2.5
-
ps
Phase jitter
tPJ
-
0.72
-
ps
Off set Frequency: 12kHz to 20MHz, Vcc=3.3V
Phase noise
L(f)
-
-
-
dBc/Hz
-
-
-97
-
dBc/Hz
Off set 10Hz Vcc=3.3V
-
-126
-
dBc/Hz
Off set 100Hz Vcc=3.3V
-
-147
-
dBc/Hz
Off set 1kHz Vcc=3.3V
-
-155
-
dBc/Hz
Off set 10kHz Vcc=3.3V
-
-158
-
dBc/Hz
Off set 100kHz Vcc=3.3V
-
-159
-
dBc/Hz
Off set 1MHz Vcc=3.3V
Frequency aging
f_age
-3
-
3
x10
-6
@+25ºC first year
-
-
-
-
Vcc1.6V : 0.2Vcc to 0.8Vcc Level,
L_CMOS=15pF
Vcc1.6V : 0.2Vcc to 0.8Vcc Level,
L_CMOS=15pF
Accumulated Jitter(δ) n=2 to 50000
cycles, Vcc=3.3V
1 Page


Similar Part No. - X1G004481009711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G004481009500 ETC2-X1G004481009500 Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G004481009501 ETC2-X1G004481009501 Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G004481009511 ETC2-X1G004481009511 Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G004481009512 ETC2-X1G004481009512 Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G004481009513 ETC2-X1G004481009513 Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
More results

Similar Description - X1G004481009711

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0044810095XX ETC2-X1G0044810095XX Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G0044510073XX ETC2-X1G0044510073XX Datasheet
262Kb / 5P
   SG5032CAN 13.560000 MHz TJGA
X1G0044810056XX ETC2-X1G0044810056XX Datasheet
240Kb / 5P
   SG7050CAN 29.491200 MHz TJGA
X1G0044810104XX ETC2-X1G0044810104XX Datasheet
240Kb / 5P
   SG7050CAN 27.120000 MHz TJGA
X1G0044810105XX ETC2-X1G0044810105XX Datasheet
240Kb / 5P
   SG7050CAN 28.636360 MHz TJGA
X1G0044810106XX ETC2-X1G0044810106XX Datasheet
240Kb / 5P
   SG7050CAN 36.000000 MHz TJGA
X1G0044810074XX ETC2-X1G0044810074XX Datasheet
239Kb / 5P
   SG7050CAN 4.096000 MHz TJGA
X1G0044810108XX ETC2-X1G0044810108XX Datasheet
240Kb / 5P
   SG7050CAN 38.400000 MHz TJGA
X1G0044810136XX ETC2-X1G0044810136XX Datasheet
240Kb / 5P
   SG7050CAN 66.666600 MHz TJGA
X1G0044810020XX ETC2-X1G0044810020XX Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com