Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G0044810074XX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # X1G0044810074XX
Description  SG7050CAN 4.096000 MHz TJGA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G0044810074XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  X1G0044810074XX Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G0044810074XX Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G0044810074XX Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G0044810074XX Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G0044810074XX Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5.External dimensions
(Unit: mm)
6.Footprint(Recommended)
(Unit: mm)
7.Reflow profile
Reflow condition (Follow of JEDEC STD-020D.01)
8.Packing information
[ 1 ]Product number last 2 digits code(xx) description
The recommended code is "00"
X1G0044810074xx
Code
Code
01
Any Q'ty vinyl bag(Tape cut)
13
500pcs / Reel
11
Any Q'ty / Reel
00
1000pcs / Reel
12
250pcs / Reel
Condition
Condition
Temperature[C]
60
300
250
200
150
100
50
0
ts
60sto180s
(+150Cto+200C)
Avg. Ramp-up
3C/sMax.
Ramp-down
6
C/sMax.
Time[s]
120 180 240 300 360 420 480 540 600 660 720 780
Tsmin;+150C
Tsmax;+200C
TL
;+217C
+255C
tL
60sto150s
(+217Cover)
tp;20sto40s
TP
;+260C
Time +25CtoPeak
Note.
OE pin = "H" or "open" : Specified frequency output.
OE pin = "L" : Output is high impedance.
ST pin = "H" or "open" : Specified frequency output.
ST pin = "L" : Output is high impedance、oscillation stops.
7.0±0.2
#4
#1
#3
#2
E 25.000
CAN395K
1.4
C0.5
5.08
#2
C
C (ex. 0.01 µF)
1.8
5.08
#1
#3
#4
Resist
3 Page


Similar Part No. - X1G0044810074XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G004481002000 ETC2-X1G004481002000 Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
X1G004481002001 ETC2-X1G004481002001 Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
X1G004481002011 ETC2-X1G004481002011 Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
X1G004481002012 ETC2-X1G004481002012 Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
X1G004481002013 ETC2-X1G004481002013 Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
More results

Similar Description - X1G0044810074XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0044810095XX ETC2-X1G0044810095XX Datasheet
240Kb / 5P
   SG7050CAN 13.000000 MHz TJGA
X1G0044510032XX ETC2-X1G0044510032XX Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G0044810056XX ETC2-X1G0044810056XX Datasheet
240Kb / 5P
   SG7050CAN 29.491200 MHz TJGA
X1G0044810104XX ETC2-X1G0044810104XX Datasheet
240Kb / 5P
   SG7050CAN 27.120000 MHz TJGA
X1G0044810105XX ETC2-X1G0044810105XX Datasheet
240Kb / 5P
   SG7050CAN 28.636360 MHz TJGA
X1G0044810106XX ETC2-X1G0044810106XX Datasheet
240Kb / 5P
   SG7050CAN 36.000000 MHz TJGA
X1G0044810097XX ETC2-X1G0044810097XX Datasheet
240Kb / 5P
   SG7050CAN 13.560000 MHz TJGA
X1G0044810108XX ETC2-X1G0044810108XX Datasheet
240Kb / 5P
   SG7050CAN 38.400000 MHz TJGA
X1G0044810136XX ETC2-X1G0044810136XX Datasheet
240Kb / 5P
   SG7050CAN 66.666600 MHz TJGA
X1G0044810020XX ETC2-X1G0044810020XX Datasheet
240Kb / 5P
   SG7050CAN 66.000000 MHz TJGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com