Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G004451008212 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X1G004451008212
Description  SG5032CAN 26.000000 MHz TJGA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004451008212 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X1G004451008212 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004451008212 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004451008212 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004451008212 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004451008212 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.Timing chart
4.Test circuit
1) Waveform observation
2) Current consumption
*Current consumption under the
disable function should be
= GND.
3) Condition
(1) Oscilloscope
· Band width should be minimum 5 times higher (wider) than measurement frequency.
· Probe earth should be placed closely from test point and lead length should be as short as possible
* Recommendable to use miniature socket. (Don’t use earth lead.)
(2) L_CMOS also includes probe capacitance.
(3) By-pass capacitor (0.01 µF to 0.1 µF) is placed closely between VCC and GND.
(4) Use the current meter whose internal impedance value is small.
(5) Power supply
· Start up time (0 %VCC to 90 %VCC) of power source should be more than 150 µs.
· Impedance of power supply should be as lowest as possible.
GND
VCC
tr
50 %VCC
t
tw
80 %VCC
20 %VCC
tf
VCC
ST
OUT
GND
swich
supply
by-pass
capacitor
Test
Point
A
or
OE
or
OE
VCC
ST
OUT
GND
swich
supply
by-pass
capacitor
L_CMOS
Test Point
2 Page


Similar Part No. - X1G004451008212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G004451008100 ETC2-X1G004451008100 Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G004451008101 ETC2-X1G004451008101 Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G004451008111 ETC2-X1G004451008111 Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G004451008112 ETC2-X1G004451008112 Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G004451008113 ETC2-X1G004451008113 Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
More results

Similar Description - X1G004451008212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0044810035XX ETC2-X1G0044810035XX Datasheet
240Kb / 5P
   SG7050CAN 26.000000 MHz TJGA
X1G0044510035XX ETC2-X1G0044510035XX Datasheet
262Kb / 5P
   SG5032CAN 18.432000 MHz TJGA
X1G0044510089XX ETC2-X1G0044510089XX Datasheet
262Kb / 5P
   SG5032CAN 37.400000 MHz TJGA
X1G0044510032XX ETC2-X1G0044510032XX Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G0044510092XX ETC2-X1G0044510092XX Datasheet
262Kb / 5P
   SG5032CAN 52.000000 MHz TJGA
X1G0044510090XX ETC2-X1G0044510090XX Datasheet
262Kb / 5P
   SG5032CAN 38.400000 MHz TJGA
X1G0044510096XX ETC2-X1G0044510096XX Datasheet
262Kb / 5P
   SG5032CAN 74.250000 MHz TJGA
X1G0044510048XX ETC2-X1G0044510048XX Datasheet
262Kb / 5P
   SG5032CAN 3.072000 MHz TJGA
X1G0044510081XX ETC2-X1G0044510081XX Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G0044510083XX ETC2-X1G0044510083XX Datasheet
262Kb / 5P
   SG5032CAN 27.120000 MHz TJGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com