Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO303SP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSO303SP
Description  OptiMOS -P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO303SP Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSO303SP Datasheet HTML 1Page - Infineon Technologies AG BSO303SP Datasheet HTML 2Page - Infineon Technologies AG BSO303SP Datasheet HTML 3Page - Infineon Technologies AG BSO303SP Datasheet HTML 4Page - Infineon Technologies AG BSO303SP Datasheet HTML 5Page - Infineon Technologies AG BSO303SP Datasheet HTML 6Page - Infineon Technologies AG BSO303SP Datasheet HTML 7Page - Infineon Technologies AG BSO303SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2002-01-08
Page 1
Preliminary data
BSO303SP
OptiMOS
-P Small-Signal-Transistor
Product Summary
VDS
-30
V
RDS(on)
21
m
ID
-8.9
A
Feature
• P-Channel
• Enhancement mode
• Logic Level
• 150°C operating temperature
• Avalanche rated
• dv/dt rated
SIS00062
G
45
D
S
36
D
S
27
D
S
18
Top View
D
Type
Package
Ordering Code
BSO303SP
SO 8
Q67042-S4129
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TA=25°C
TA=70°C
ID
-8.9
-7.1
A
Pulsed drain current
TA=25°C
ID puls
-35.6
Avalanche energy, single pulse
ID=-8.9 A , VDD=-25V, RGS=25Ω
EAS
97
mJ
Reverse diode dv/dt
IS=-8.9A, VDS=-24V, di/dt=200A/µs, Tjmax=150°C
dv/dt
-6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TA=25°C
Ptot
2.35
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C
IEC climatic category; DIN IEC 68-1
55/150/56


Similar Part No. - BSO303SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO303SPH INFINEON-BSO303SPH Datasheet
338Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.1 2010-05-12
More results

Similar Description - BSO303SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com