Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSO301 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSO301
Description  OptiMOS -P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO301 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSO301 Datasheet HTML 1Page - Infineon Technologies AG BSO301 Datasheet HTML 2Page - Infineon Technologies AG BSO301 Datasheet HTML 3Page - Infineon Technologies AG BSO301 Datasheet HTML 4Page - Infineon Technologies AG BSO301 Datasheet HTML 5Page - Infineon Technologies AG BSO301 Datasheet HTML 6Page - Infineon Technologies AG BSO301 Datasheet HTML 7Page - Infineon Technologies AG BSO301 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002-07-17
Page 5
Preliminary data
BSO301SP
5 Typ. output characteristic
ID = f (VDS)
parameter: Tj =25°C
0
0.1
0.2 0.3
0.4 0.5 0.6
0.7 0.8
V
1
- VDS
0
5
10
15
20
25
30
35
40
A
50
Vgs= -2.5V
Vgs= -3V
Vgs= -3.5V
-10V
-6V
-5.5V
-5V
-4.5V
-4V
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
6
10
14
18
22
26
30
34 A
40
- ID
4
6
8
10
12
14
16
m
20
Vgs = - 3,5V
Vgs = - 4V
Vgs = - 4.5V
Vgs= - 5V
Vgs = - 6V
Vgs = - 10V
7 Typ. transfer characteristics
ID= f ( VGS ); |VDS|≥ 2 x |ID| x RDS(on)max
parameter: Tj = 25 °C
0
-0.5
-1
-1.5
-2
-2.5
V
-3.5
VGS
0
-5
-10
-15
-20
A
-30
8 Typ. forward transconductance
gfs = f(ID)
parameter: Tj = 25 °C
0
-5
-10
-15
-20
A
-30
ID
0
10
20
30
40
50
60
S
80


Similar Part No. - BSO301

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
BSO301SP VBSEMI-BSO301SP Datasheet
994Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Infineon Technologies A...
BSO301SPH INFINEON-BSO301SPH Datasheet
331Kb / 9P
   OptiMOS-P Power-Transistor
Rev. 1.32 2010-05-12
More results

Similar Description - BSO301

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSL207SP INFINEON-BSL207SP_07 Datasheet
843Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com