Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7044IRUGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7044IRUGR
Description  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7044IRUGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7044IRUGR Datasheet HTML 5Page - Texas Instruments ADS7044IRUGR Datasheet HTML 6Page - Texas Instruments ADS7044IRUGR Datasheet HTML 7Page - Texas Instruments ADS7044IRUGR Datasheet HTML 8Page - Texas Instruments ADS7044IRUGR Datasheet HTML 9Page - Texas Instruments ADS7044IRUGR Datasheet HTML 10Page - Texas Instruments ADS7044IRUGR Datasheet HTML 11Page - Texas Instruments ADS7044IRUGR Datasheet HTML 12Page - Texas Instruments ADS7044IRUGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
69
70
71
72
73
74
75
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C005
SNR
SINAD
±93
±91
±89
±87
±85
±83
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C006
70
71
72
73
74
75
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C003
SNR
SINAD
66
68
70
72
74
76
0
50
100
150
200
250
Input Frequency (kHz)
C004
SNR
SINAD
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C001
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C002
ADS7044
www.ti.com
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
6.7 Typical Characteristics
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
SNR = 72.58 dB
THD = –93 dB
fIN = 2 kHz
SNR = 71.95 dB
THD = –76.5 dB
fIN = 250 kHz
Number of samples = 32768
Number of samples = 32768
Figure 2. Typical FFT
Figure 3. Typical FFT
fIN = 2 kHz
Figure 4. SNR and SINAD vs Temperature
Figure 5. SNR and SINAD vs Input Frequency
Figure 6. SNR and SINAD vs Reference Voltage (AVDD)
Figure 7. THD vs Free-Air Temperature
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS7044


Similar Part No. - ADS7044IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results

Similar Description - ADS7044IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com