Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7828-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7828-Q1
Description  12-Bit 8-Channel Sampling Analog-to-Digital Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7828-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7828-Q1_16 Datasheet HTML 3Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 4Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 5Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 6Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 7Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 8Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 9Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 10Page - Texas Instruments ADS7828-Q1_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ADS7828-Q1
www.ti.com
SBAS456B – DECEMBER 2008 – REVISED JANUARY 2016
Electrical Characteristics for ADS7828EB (continued)
+VDD = 2.7 V, VREF = 2.5 V, SCL clock frequency = 3.4 MHz (high-speed mode), over operating free-air temperature range,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC Accuracy
THD
Total harmonic distortion(2)
VIN = 25 VPP at 10 kHz
–82
dB
Signal-to-noise ratio
VIN = 25 VPP at 10 kHz
72
dB
Signal-to-(noise + distortion) ratio
VIN = 25 VPP at 10 kHz
71
dB
Spurious-free dynamic range
VIN = 25 VPP at 10 kHz
86
dB
Channel-to-channel isolation
120
dB
Voltage Reference Output
VO
Output voltage
2.475
2.5
2.525
V
Internal reference drift
15
ppm/°C
Internal reference on
110
Ω
zo
Output impedance
Internal reference off
1
G
Ω
IQ
Quiescent current
850
µA
Voltage Reference Input
rI
Input resistance
1
G
Ω
Current drain
20
µA
Digital Input and Output
VOL
Low-level output voltage
Minimum 3-mA sink current
0.4
V
IIH
High-level input current
VIH = +VDD + 0.5 V
10
µA
IIL
Low-level input current
VIL = –0.3 V
–10
µA
Power Supply
High-speed mode: SCL = 3.4 MHz
225
320
IQ
Quiescent current
Fast mode: SCL = 400 kHz
100
µA
Standard mode: SCL = 100 kHz
60
High-speed mode: SCL = 3.4 MHz
675
1000
PO
Power dissipation
Fast mode: SCL = 400 kHz
300
µW
Standard mode: SCL = 100 kHz
180
High-speed mode: SCL = 3.4 MHz
70
Power-down current with wrong
Fast mode: SCL = 400 kHz
25
µA
address selected
Standard mode: SCL = 100 kHz
6
IPD
Full power-down current
SCL pulled high, SDA pulled high
400
3000
nA
(2)
THD is measured to the ninth harmonic.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS7828-Q1


Similar Part No. - ADS7828-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
More results

Similar Description - ADS7828-Q1_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
National Semiconductor ...
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com